Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9875 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 14Page - NXP Semiconductors TDA9875 Datasheet HTML 15Page - NXP Semiconductors TDA9875 Datasheet HTML 16Page - NXP Semiconductors TDA9875 Datasheet HTML 17Page - NXP Semiconductors TDA9875 Datasheet HTML 18Page - NXP Semiconductors TDA9875 Datasheet HTML 19Page - NXP Semiconductors TDA9875 Datasheet HTML 20Page - NXP Semiconductors TDA9875 Datasheet HTML 21Page - NXP Semiconductors TDA9875 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
1998 Feb 13
18
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
6.3.6
LOUDSPEAKER (MAIN) AND HEADPHONE
(AUXILIARY) OUTPUTS
Signals from any audio source can be applied to the
loudspeaker and to the headphone output channels via the
digital crossbar switch and the DSP.
6.3.7
DUAL AUDIO DAC
The TDA9875 contains three dual audio DACs, one for the
connection from the DSP to the analog crossbar switch
section and two for the loudspeaker and headphone
outputs. Each of the three dual low-noise high-dynamic
range DACs consists of two 15-bit DACs with current
outputs, followed by a buffer operational amplifier.
The audio DACs operate with four-fold oversampling and
noise shaping.
6.3.8
DUAL AUDIO ADC
There is one dual audio ADC in the TDA9875 for the
connection of the analog crossbar switch section to the
DSP. The dual audio ADC consists of two bitstream
3rd-order sigma-delta audio ADCs and a high-order
decimation filter.
6.3.9
STANDBY MODE
The standby mode (subaddress 1, bit 5) disables most
functions and reduces power dissipation. The analog
crossbar switch and the SCART section remains
operational and can be controlled by the I2C-bus to
support copying of analog signals from SCART 1 to
SCART 2 and vice versa.
Unused internal registers may lose their information in
standby mode. Therefore, the device needs to be
initialized on returning to normal operation. This can be
accomplished in the same way as after a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com