Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9875 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 17Page - NXP Semiconductors TDA9875 Datasheet HTML 18Page - NXP Semiconductors TDA9875 Datasheet HTML 19Page - NXP Semiconductors TDA9875 Datasheet HTML 20Page - NXP Semiconductors TDA9875 Datasheet HTML 21Page - NXP Semiconductors TDA9875 Datasheet HTML 22Page - NXP Semiconductors TDA9875 Datasheet HTML 23Page - NXP Semiconductors TDA9875 Datasheet HTML 24Page - NXP Semiconductors TDA9875 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
1998 Feb 13
21
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
9
CHARACTERISTICS
VDD =5V; Tamb =25 °C; settings in accordance with B/G standard; FM deviation ±50 kHz; fmod = 1 kHz; FM sound
parameters in accordance with system A2; NICAM in accordance with
“EBU specification”; 1 k
Ω measurement source
resistance for AF inputs; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Digital supplies
VDDD1
digital supply voltage 1
4.75
5.0
5.5
V
VSSD1
digital supply ground 1
0.0
V
IDDD1
digital supply current 1
VDDD1 = 5.5 V
6580
95mA
VDDD1 = 5.0 V
5570
85mA
VDDD2
digital supply voltage 2
4.75
5.0
5.5
V
VSSD2
digital supply ground 2
0.0
V
IDDD2
digital supply current 2
VDDD2 = 5.5 V
5065
80mA
VDDD2 = 5.0 V
4555
65mA
Demodulator supplies and references
VDDA1
analog supply voltage for
demodulator part
4.75
5.0
5.5
V
VSSA1
analog ground for demodulator
part
0.0
V
IDDA1
analog supply current for
demodulator part
VDDA = 5.5 V
2026
31mA
VDDA = 5.0 V
1924
28mA
Vref1
analog reference voltage for
demodulator part
referenced to VDDA1/VSSA1
35
50
65
%
Iref1(sink)
Vref1 sink current
170
220
260
µA
Audio supplies and references
VDDA2
analog supply voltage for audio
ADC part
4.75
5.0
5.5
V
VSSA2
analog ground for audio ADC
part
0.0
V
IDDA2
analog supply current for audio
ADC part
VDDA = 5.5 V
11
14
17
mA
VDDA = 5.0 V
1013
16mA
VDDA3
analog supply voltage for audio
DAC part
4.75
5.0
5.5
V
VSSA3
analog ground for audio DAC
part
0.0
V
IDDA3
analog supply current for audio
DAC part
VDDA = 5.5 V; digital silence 9
12
14
mA
VDDA = 5.0 V; digital silence 8
11
13
mA
VSSA4
analog ground for operational
amplifier
0.0
V
VSSG
ground, guard rings for
analog-to-digital circuitry
0.0
V
Vref2
reference voltage for audio
ADCs
referenced to VDDA2/VSSA2
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com