Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVMAFES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 16Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 17Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 18Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 19Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 20Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 21Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 22Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 23Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
7.5.1 Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced
to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Debug mode
VDBG_MODE
Voltage to apply at DBG pin to enter Debug mode
3.5
4.5
5.5
V
TDBG_MODE
Debug mode entry filtering time
4
5.5
7
us
VOTP_MODE
Voltage to apply at DBG pin to program the OTP
7.75
7.95
8.15
V
TOTP_MODE
OTP mode entry filtering time
4
5.5
7
us
IDBG
DBG pin input current consumption
-
-
30
µA
Table 5. Electrical characteristics
7.6 MCU programming
MCU programming can be done at any time. To prevent any watchdog error detection and RSTB pin assertion
while programming, the watchdog period should be extended (up to 16384 ms) or set as infinite (window is fully
opened). If the watchdog is not disabled, the user must refresh it during the MCU programming.
To disable the watchdog, NXP advises the user to start the device in Debug mode by applying the correct
voltage to the DEBUG pin before M4 state.
7.7 Best of supply (BOS)
7.7.1 Functional description
The VBOS regulator manages the best of supply from VSUP or V1 to efficiently generate the internal biasing of
the device, in all device modes. VBOS is also the supply of V1 High-Side and Low-Side gate drivers.
VBOS undervoltage may not guarantee the full functionality of the device. Consequently, VBOS_UV detection
powers down the device by going into fail-safe state.
VBOS is composed of two regulators implemented in parallel: VBOS_HP used to supply the HP analog internal
biasing, and VBOS_LP used to supply the internal biasing in Low-power modes.
At power up, VBOS_LP is automatically enabled. VBOS_HP is enabled when the HP analog circuitry is enabled
(State #M2). Both VBOS_LP and VBOS_HP are generated from VSUP.
In LPON mode, VBOS can be connected to V1 (VBOS2V1 switch closed) to optimize the efficiency. This way,
the current consumption beneficiate from the VBAT to V1 ratio and is reduced. This function is enabled or
disabled by OTP using VBOS2V1_SW_LP_EN_OTP bit.
When waking up from LPON mode, VBOS transition to VBOS_LP than immediately to VBOS_HP.
In LPOFF mode, only VBOS_LP is enabled.
The behavior of the VBOS regulator is summarized in Figure 15.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
20 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com