Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVMAFES Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 78Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 79Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 80Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 81Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Bit
Symbol
Description
31
/
0
Report a safety related error WD_G = WD_NOK_I
0 No error
1 Watchdog refresh error reported
30
WD_G
Reset on POR, cleared when all individual bits are cleared
Flags reported: CAN_TSD_I or CAN_TXD_TO_I
0 No error
1 CAN error reported
Reset on POR, cleared when all individual bits are cleared
29
PHYG
Flags reported: CAN_TSD_I or CAN_TXD_TO_I
Interrupt notification from M_IOWU_FLG or M_WU1_FLG registers
0 No event reported in M_IOWU_FLG or M_WU1_FLG registers
1 An interrupt or flag is present in M_IOWU_FLG or M_WU1_FLG registers
Reset on POR, cleared when all individual bits are cleared
28
WUG
Flags reported: WK2_WU_I, WK3_WU_I, HVIO1_WU_I CAN_WU_I, LDT_WU_I, INT_TO_WU, WD_
OFL_WU, V1_UVLP_WU, GO2NORMAL_WU, EXT_RSTB_WU
Interrupt notification from M_IO_TIMER_G register
0 No event reported in M_IO_TIMER_G register
1 An interrupt or flag is present in M_IO_TIMER_G register
Reset on POR, cleared when all individual bits are cleared
27
IOG
Flags reported: WK3_I, WK2_I, HVIO1_I, LDT_I
Interrupt notification from M_VSUP_COM_FLG register
0 No event reported into M_VSUP_COM_FLG register
1 An interrupt or flag is present in the M_VSUP_COM_FLG register
Reset on POR, cleared when all individual bits are cleared
26
COMG
Flags reported: SPI_REQ_I, SPI_CLK_I, SPI_CRC_I
Interrupt notification from M_VSUP_COM_FLG register
0 No event reported into M_VSUP_COM_FLG register
1 An interrupt or flag is present in the M_VSUP_COM_FLG register
Reset on POR, cleared when all individual bits are cleared
25
VSUPG
Flags reported: VSUPUV_4P7_I, VSUPUV_5P7_I, VSUPOV_I
Interrupt notification from M_REG_FLG register
0 No event reported into M_REG_FLG register
1 An interrupt or flag is present in the M_REG_FLG register
Reset on POR, cleared when all individual bits are cleared
24
VxG
Flags reported: V0UV_I, V0OV_I, V1OC_I, V1UV_I, V1OV_I, V1TSD_I, V1TWARN_I, V3OC_I,
V3UV_I, V3OV_I, V3TSD_I
Table 52. MISO general device status bits descriptions
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
78 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com