Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVMAFES Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 39Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 40Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 41Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 42Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 43Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 44Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 45Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 46Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
16 I/O interface pins
16.1 WAKE2/HID0, WAKE3/HID1
WAKEx/HIDx pin has two different roles. It can be used either as a wake-up pin or as hardware ID detection pin.
aaa-046845
Control
lPD_HID
lPU_HID
RPD_WAKE
RPU_WAKE
GND
SPI
WK pin
status
VSUP
WAKEx/HIDx
WAKEx/HIDx
Figure 27. WAKEx/HIDx diagram
16.1.1 WAKE feature
WAKEx/HIDx pins are high-voltage inputs used as wake-up sources for the device.
WAKE2 and WAKE3 are wake-up input signals with analog measurement capability through AMUX. WAKE2
can be, for example, connected to a switched VBAT and WAKE3 to the wake-up output of a CAN or FlexRay
transceiver. When a WAKE pin is used as a global pin, an R - C protection is required.
In Normal mode, any event on the WAKE2 or WAKE3 pins generates a flag (WKx_I), when not masked
(WKx_M). In Low-power modes, a wake-up event can be generated on high or low level depending on
WKx_WUCFG[1:0] bits.
Wake-up filtering time is configurable by SPI using WKx_DGLT bits. Internal pulldown and pullup resistors can
be enabled, disabled, or configured as cell repeater, as per WKxPUPD_OTP[1:0] bits.
Note: Cell repeater configuration is used to reduce the current consumption. In this configuration, the pullup or
pulldown selection follows the state of the internal buffer output after filtering. If the buffer output is low, pulldown
resistor is selected. If the buffer output is high, the pullup resistor is selected.
16.1.2 Hardware ID feature
Hardware ID feature comes on top of WAKE 2 pin and WAKE 3 pin to allow electronic control unit (ECU)
location in the car based on WAKEx/HIDx pins hardware connection.
The WAKEx/HIDx pin state can be:
• Connected to VBAT
• Connected to GND
• Open
Using the two WAKEx/HIDx pins allows up to nine different hardware ID combinations.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
43 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com