Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C8051F337 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 17Page - Silicon Laboratories C8051F337 Datasheet HTML 18Page - Silicon Laboratories C8051F337 Datasheet HTML 19Page - Silicon Laboratories C8051F337 Datasheet HTML 20Page - Silicon Laboratories C8051F337 Datasheet HTML 21Page - Silicon Laboratories C8051F337 Datasheet HTML 22Page - Silicon Laboratories C8051F337 Datasheet HTML 23Page - Silicon Laboratories C8051F337 Datasheet HTML 24Page - Silicon Laboratories C8051F337 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
PROGRAM/DATA MEMORY
(FLASH)
(Direct and Indirect
Addressing)
0x00
0x7F
Upper 128 RAM
(Indirect Addressing
Only)
0x80
0xFF
Special Function
Register's
(Direct Addressing Only)
DATA MEMORY (RAM)
General Purpose
Registers
0x1F
0x20
0x2F
Bit Addressable
Lower 128 RAM
(Direct and Indirect
Addressing)
0x30
INTERNAL DATA ADDRESS SPACE
EXTERNAL DATA ADDRESS SPACE
XRAM - 512 Bytes
(accessable using MOVX
instruction)
0x0000
0x01FF
Same 512 bytes as from
0x0000 to 0x01FF, wrapped
on 512-byte boundaries
0x0200
0xFFFF
16 kB FLASH
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0x3E00
0x3DFF
Rev. 0.2
21
C8051F336/7/8/9
Figure 1.4. On-Chip Memory Map
1.3.
On-Chip Debug Circuitry
The C8051F336/7/8/9 devices include on-chip Silicon Labs 2-Wire (C2) debug circuitry that provides non-
intrusive, full speed, in-circuit debugging of the production part installed in the end application.
Silicon Labs' debugging system supports inspection and modification of memory and registers, break-
points, and single stepping. No additional target RAM, program memory, timers, or communications chan-
nels are required. All the digital and analog peripherals are functional and work correctly while debugging.
All the peripherals (except for the ADC and SMBus) are stalled when the MCU is halted, during single
stepping, or at a breakpoint in order to keep them synchronized.
The C8051F336DK development kit provides all the hardware and software necessary to develop applica-
tion code and perform in-circuit debugging with the C8051F336/7/8/9 MCUs. The kit includes software with
a developer's studio and debugger, evaluation compiler and assembler, and a debug adapter. It also has a
target application board with the associated MCU installed and prototyping area, plus the required cables,
and power supply. The IDE software requires a PC running a Windows operating system.
The Silicon Labs IDE interface is a vastly superior developing and debugging configuration, compared to
standard MCU emulators that use on-board "ICE Chips" and require the MCU in the application board to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com