Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C8051F337 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 35Page - Silicon Laboratories C8051F337 Datasheet HTML 36Page - Silicon Laboratories C8051F337 Datasheet HTML 37Page - Silicon Laboratories C8051F337 Datasheet HTML 38Page - Silicon Laboratories C8051F337 Datasheet HTML 39Page - Silicon Laboratories C8051F337 Datasheet HTML 40Page - Silicon Laboratories C8051F337 Datasheet HTML 41Page - Silicon Laboratories C8051F337 Datasheet HTML 42Page - Silicon Laboratories C8051F337 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 234 page
background image
Table 6.8. ADC0 Electrical Characteristics
VDD = 3.0 V, VREF = 2.40 V (REFSL=0), –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
Resolution
10
bits
Integral Nonlinearity
—
±0.5
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
—
±0.5
±1
LSB
Offset Error
–12
3
12
LSB
Full Scale Error
–5
1
5
LSB
Offset Temperature Coefficient
—
3
—
ppm/°C
Dynamic performance (10 kHz sine-wave single-ended input, 1 dB below Full Scale, 200 ksps)
Signal-to-Noise Plus Distortion
53
58
—
dB
Total Harmonic Distortion
Up to the 5th harmonic
—
–75
—
dB
Spurious-Free Dynamic Range
—
75
—
dB
Conversion Rate
SAR Conversion Clock
—
—
3.125
MHz
Conversion Time in SAR Clocks
13
—
—
clocks
Track/Hold Acquisition Time
300
—
—
ns
Throughput Rate
—
—
200
ksps
Analog Inputs
ADC Input Voltage Range
Single Ended (AIN+ – GND)
Differential (AIN+ – AIN–)
0
–VREF
—
VREF
VREF
V
V
Absolute Pin Voltage with respect
to GND
Single Ended or Differential
0
—
VDD
V
Sampling Capacitance
—
5
—
pF
Input Multiplexer Impedance
—
5
—
k
Ω
Power Specifications
Power Supply Current
(VDD supplied to ADC0)
Operating Mode, 200 ksps
—
500
900
µA
Power Supply Rejection
—
3
—
mV/V
*Note: Represents one standard deviation from the mean.
Rev. 0.2
39
C8051F336/7/8/9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com