Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C8051F337 Datasheet(PDF) 41 Page - Silicon Laboratories

Part # C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 37Page - Silicon Laboratories C8051F337 Datasheet HTML 38Page - Silicon Laboratories C8051F337 Datasheet HTML 39Page - Silicon Laboratories C8051F337 Datasheet HTML 40Page - Silicon Laboratories C8051F337 Datasheet HTML 41Page - Silicon Laboratories C8051F337 Datasheet HTML 42Page - Silicon Laboratories C8051F337 Datasheet HTML 43Page - Silicon Laboratories C8051F337 Datasheet HTML 44Page - Silicon Laboratories C8051F337 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 234 page
background image
Table 6.11. IDAC Electrical Characteristics
–40 to +85 °C, VDD = 3.0 V Full-scale output current set to 2 mA unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Static Performance
Resolution
10
bits
Integral Nonlinearity
—
±0.5
±2
LSB
Differential Nonlinearity
Guaranteed Monotonic
—
±0.5
±1
LSB
Output Compliance Range
—
—
VDD – 1.2
V
Offset Error
—
0
—
µA
Full Scale Error
2 mA Full Scale Output
Current
—
0
±30
µA
Full Scale Error Tempco
—
30
—
ppm/°C
VDD Power Supply
Rejection Ratio
—
6
—
µA/V
Dynamic Performance
Output Settling Time to 1/2
LSB
IDA0H:L = 0x3FF to 0x000
—
5
—
µs
Startup Time
—
5
—
µs
Gain Variation
1 mA Full Scale Output Current
0.5 mA Full Scale Output Current
—
—
±1
±1
—
—
%
%
Power Consumption
Power Supply Current (VDD
supplied to IDAC)
2 mA Full Scale Output Current
1 mA Full Scale Output Current
0.5 mA Full Scale Output Current
—
—
—
2100
1100
600
—
—
—
µA
µA
µA
Rev. 0.2
41
C8051F336/7/8/9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com