Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC905 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC905
Description  1:6 PCI Clock Generator/Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC905 Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC905 Datasheet HTML 1Page - Integrated Device Technology MPC905 Datasheet HTML 2Page - Integrated Device Technology MPC905 Datasheet HTML 3Page - Integrated Device Technology MPC905 Datasheet HTML 4Page - Integrated Device Technology MPC905 Datasheet HTML 5Page - Integrated Device Technology MPC905 Datasheet HTML 6Page - Integrated Device Technology MPC905 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPC905
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
2
PIN CONFIGURATIONS
Pin
I/O
Type
Function
XTAL_IN, XTAL_OUT
Input
Analog
Crystal Oscillator Terminals
Enable1, Enable2
Input
LVCMOS
Output Enable
BCLK0 – BCLK5
Output
LVCMOS
Clock Outputs
VDD
Supply
Positive Power Supply
GND
Supply
Negative Power Supply
FUNCTION TABLE
ENABLE1
ENABLE2
Outputs 0 to 4
Output 5
OSC (On/Off)
0
0
1
1
0
1
0
1
Low
Low
Toggling
Toggling
Low
Toggling
Low
Toggling
ON
ON
ON
ON
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
–0.5
VCC + 0.5
V
Toper
Operating Temperature Range
0
+70
°C
Tstg
Storage Temperature Range
–65
+150
°C
Tsol
Soldering Temperature Range (10 Sec)
+260
°C
Tj
Junction Temperature Range
+125
°C
ESD
Static Discharge Voltage
1500
V
ILatch
Latch Up Current
50
mA
* Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature Range
0
70
°C
VCC
Positive Supply Voltage (Functional Range)
3.0
3.6
V
tDCin
Thigh (at XTAL_IN Input)
Tlow (at XTAL_IN Input)
0.44T1
0.44T1
0.56T1
0.56T1
T = Period
1. When using External Source for reference, requirement to meet PCI clock duty cycle requirement on the output.
DC CHARACTERISTICS (TA = 0–70°C; VDD = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
High Level Input Voltage
2.0
5.52
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
2.4
V
IOH = –36mA1
VOL
Low Level Output Voltage
0.4
V
IOL = 36mA1
IIH
Input High Current
2.52
µA
IIL
Input Low Current
2.5
µA
ICC
Power Supply Current
DC
33MHz
66MHz
20
37
78
45
95
µA
mA
mA
CIN
Input Capacitance
XTAL_IN
Others
9.0
4.5
pF
1. The MPC905 can drive 50
W transmission lines on the incident edge. Each output drives one 50W parallel terminated transmission line to
VTT = VCC/2. Alternately, the device drives up to two 50W series terminated transmission lines per output.
2. XTAL_IN input will sink up to 10mA when driven to 5.5V. There are no reliability concerns associated with the condition. Note that the Enable1
input must be a logic HIGH. Do not take the Enable1 input to a logic LOW with >VCC volts on the XTAL_IN input.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC905
1:6 PCI Clock Generator/Fanout Buffer
NETCOM
IDT™ 1:6 PCI Clock Generator/Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC905
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com