Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC905 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MPC905
Description  1:6 PCI Clock Generator/Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC905 Datasheet(HTML) 1 Page - Integrated Device Technology

  MPC905 Datasheet HTML 1Page - Integrated Device Technology MPC905 Datasheet HTML 2Page - Integrated Device Technology MPC905 Datasheet HTML 3Page - Integrated Device Technology MPC905 Datasheet HTML 4Page - Integrated Device Technology MPC905 Datasheet HTML 5Page - Integrated Device Technology MPC905 Datasheet HTML 6Page - Integrated Device Technology MPC905 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MPC905/D
1
REV 2
© Motorola, Inc. 2001
01/01
1:6 PCI Clock Generator/
Fanout Buffer
The MPC905 is a six output clock generation device targeted to
provide the clocks required in a 3.3V or 5.0V PCI environment. The
device operates from a 3.3V supply and can interface to either a TTL
input or an external crystal. The inputs to the device can be driven with
5.0V when the VCC is at 3.3V. The outputs of the MPC905 meet all of the
specifications of the PCI standard.
• Six Low Skew Outputs
• Synchronous Output Enables for Power Management
• Low Voltage Operation
• XTAL Oscillator Interface
• 16-Lead SOIC Package
• 5.0V Tolerant Enable Inputs
The MPC905 device is targeted for PCI bus or processor bus
environments with up to 12 clock loads. Each of the six outputs on the
MPC905 can drive two series terminated 50
Ω transmission lines. This
capability effectively makes the MPC905 a 1:12 fanout buffer.
The MPC905 offers two synchronous enable inputs to allow users
flexibility in developing power management features for their designs.
Both enable signals are active HIGH inputs. A logic ‘0’ on the Enable1 will
pull outputs 0 to 4 into the logic ‘0’ state. A logic ‘1’ on the Enable1 input
will result in outputs 0 to 4 to be toggling. A logic ‘0’ on Enable2 will cause
output BLK5 to a logic ‘0’ state, whereas a logic ‘1’ on Enable2 will cause
output BLK5 to toggle. The oscillator remains on.
The Enable2 input can be used to disable any high power device for system power savings during periods of inactivity. Both
enable inputs are synchronized internal to the chip so that the output disabling will happen only when the outputs are already
LOW. This feature guarantees no runt pulses will be generated during enabling and disabling.
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
BCLK5
XTAL_IN
XTAL_OUT
Enable1
Enable2
GND (3)
VDD (3)
Pinout: 16-Lead Plastic Package (Top View)
16
1
15
2
14
3
13
4
XTAL_IN
Enable1
BCLK5
VDD3
XTAL_OUT
Enable2
GND1
BCLK0
12
5
11
6
10
7
9
8
BCLK4
GND3
BCLK3
VDD2
VDD1
BCLK1
GND2
BCLK2
SYNCHRONIZE
SYNCHRONIZE
1:6 PCI
CLOCK GENERATOR/
FANOUT BUFFER
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B-05
1
16
MPC905
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
DATA SHEET
MPC905
IDT™ 1:6 PCI Clock Generator/Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC905
1
1:6 PCI Clock Generator/Fanout
Buffer


Similar Part No. - MPC905

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC905 MOTOROLA-MPC905 Datasheet
91Kb / 6P
1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
More results

Similar Description - MPC905

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC903 MOTOROLA-MPC903 Datasheet
91Kb / 6P
1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
logo
Cypress Semiconductor
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
1:10 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
1:8 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
1:8 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com