Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC905 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC905
Description  1:6 PCI Clock Generator/Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC905 Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC905 Datasheet HTML 1Page - Integrated Device Technology MPC905 Datasheet HTML 2Page - Integrated Device Technology MPC905 Datasheet HTML 3Page - Integrated Device Technology MPC905 Datasheet HTML 4Page - Integrated Device Technology MPC905 Datasheet HTML 5Page - Integrated Device Technology MPC905 Datasheet HTML 6Page - Integrated Device Technology MPC905 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MPC905
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
4
BCLK0–4
BCLK5
ENABLE2
ENABLE1
Figure 3. Enable Timing Diagram
APPLICATIONS INFORMATION
Driving Transmission Lines
The MPC905 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of approximately 10
Ω
the drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to application note AN1091 in the
Timing Solutions data book (DL207/D).
In most high performance clock networks point–to–point
distribution of signals is the method of choice. In a
point–to–point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
Ω resistance to VCC/2. This technique draws a fairly high
level of DC current and thus only a single terminated line can
be driven by each output of the MPC905 clock driver. For the
series terminated case however there is no DC current draw,
thus the outputs can drive multiple series terminated lines.
Figure 4 illustrates an output driving a single series
terminated line vs two series terminated lines in parallel.
When taken to its extreme the fanout of the MPC905 clock
driver is effectively doubled due to its capability to drive
multiple lines.
Figure 4. Single versus Dual Transmission Lines
10
Ω
IN
MPC905
OUTPUT
BUFFER
RS = 40Ω
ZO = 50Ω
OutA
10
W
IN
MPC905
OUTPUT
BUFFER
RS = 40Ω
ZO = 50Ω
OutB0
RS = 40Ω
ZO = 50Ω
OutB1
The waveform plots of Figure 5 show the simulation
results of an output driving a single line vs two lines. In both
cases the drive capability of the MPC905 output buffers is
more than sufficient to drive 50
Ω transmission lines on the
incident edge. Note from the delay measurements in the
simulations a delta of only 43ps exists between the two
differently loaded outputs. The output waveform in Figure 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC905
1:6 PCI Clock Generator/Fanout Buffer
NETCOM
IDT™ 1:6 PCI Clock Generator/Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC905
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com