Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5762AB0 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5762AB0 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—2
PAD DESCRIPTION/DIMENSIONS
Name
Description
Input/output
Dimensions (µm)
XY
RESET
Reset input
Input with pull-down
235
2283
NC
No connection (leave open circuit)
234
2049
XTN
Oscillator output
235
1786
XT
Oscillator input
235
1553
NC
No connection (leave open circuit)
234
1289
NC
No connection (leave open circuit)
235
1017
NC
No connection (leave open circuit)
235
829
VSS
0V supply
235
618
VOL
Volume adjust input
Resistance connection input
235
430
SP
Audio output (9-bit current output D/A)
P-channel output
381
185
SPN
Audio output (9-bit current output D/A)
P-channel output
908
185
MSBN
Audio output (sign bit)
CMOS output
1260
185
MSB
Audio output (sign bit)
CMOS output
1780
185
ATN
Control signal output
CMOS output
2172
185
CO4N
Melody stop when dark (CdS) output
CMOS output
2488
185
CDS
Melody stop when dark (CdS) input
Input with pull-up when inactive
2808
185
WSEL
Waveform select input
Input with pull-down
3205
331
SEL1
Melody select input 1
Input with pull-down
3205
565
SEL2
Melody select input 2
Input with pull-down
3205
923
AMI
Melody stop at night input
Input with pull-down
3205
1156
PMI
Melody stop at night input
Input with pull-down
3205
1514
VDD
1.5V supply (IC substrate)
3205
1725
O2
Clock movement motor drive output 2
CMOS output
3211
2395
O1
Clock movement motor drive output 1
CMOS output
3020
2395
NC
No connection (leave open circuit)
2768
2395
S1
Time detect input 1
Input with pull-down
2409
2395
S2
Time detect input 2
Input with pull-down
2174
2395
NC
No connection (leave open circuit)
1815
2395
S3
Time detect input 3
Input with pull-down
1540
2395
NC
No connection (leave open circuit)
1181
2395
S4
Time detect input 4
Input with pull-down
906
2395
MT
Hourly signal input
Input with pull-down
548
2395



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com