Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5762AB0 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—8
Melody Stop at Night
The melody output can be disabled at night by the
state of AMI and PMI. This function disables the
melody output from 11:00PM to 5:45AM, inclusive.
AMI and PMI have built-in pull-down resistors.
Note that when used together with the melody stop
when dark function, melody output can be disabled
by either function.
Melody Stop when Dark
When a CdS element and resistor is connected
between CO4N and VDD with the mid-point poten-
tial connected to CDS, the CDS input can be used to
detect the brightness and to stop melody output when
the surroundings become dark.
The CDS input has a built-in pull-up resistor when
inactive. This pull-up is switched off when CO4N
output is LOW. CO4N goes LOW in response to the
hourly signal input on MT signal. The melody play
output is then disable/enabled depending on the state
of the CDS input.
If this function is not used, the CDS input must be
tied HIGH.
Note that when used together with the melody stop at
night function, melody output can be disabled by
either function.
Melody Play Mode
The melody output plays in complete one-shot mode
only.
A complete one-shot melody plays through to the
end of a whole melody and does not start again as
long as the current melody play conditions do not
change, even if the hourly signal is input again.
However, if during melody play the melody output
stops or other melody start conditions change, the
current melody output may stop.
AMI
PMI
Melody output
LOW
LOW
Always enabled
LOW
HIGH
Disabled during PM hours (PM flag is HIGH)
HIGH
LOW
Disabled during AM hours (PM flag is LOW)
HIGH
HIGH
Always disabled
CDS
Melody output
LOW
Disabled due to darkness
HIGH
Enabled
Figure 3. Darkness detection circuit
Figure 4. Darkness detection timing
CDS
CO4N
VDD
CdS element
MT etc
11.719ms
15.625ms
CO4N
Open
Pull-up
Pull-down
CDS
Read clock
(on rising edge)
HIGH:play mode (light)
LOW:non-play mode (dark)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com