Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF5762AB0 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—9
Dual Pitch Synthesis (DPS)
Separate A and B pitches are processed by reading a
single set of waveform data at slightly varying fre-
quencies to create a chorus effect, to which an enve-
lope functions are added, and then the resulting
pitches are mixed (added) to generate output pitches.
Number of Simultaneous Pitches
There are a maximum of 2 pitches with 2 pitch col-
ors that can be generated simultaneously. These are
the A and B normal melody (normal waveform) and
chorus (chorus waveform) pitches.
Dynamic Range
The range of pitches stored in Note-ROM is C3 to C6.
Waveform Data
There are 2 waveform data sets that are stored in
Wave-ROM: Wave data 0 and Wave data 1. When
WSEL is LOW or open circuit, pitch synthesis uses
the preassigned waveform data sets. When WSEL is
HIGH, all pitch synthesis uses the wave data 1 set.
If the waveform data assignment is changed mid
melody, subsequent pitch sounds generated will
change because the data waveform used for pitch
synthesis changes immediately in response to
WSEL, even during pitch synthesis.
Figure 5. Dual pitch synthesis block diagram
NORMAL
waveform data
CHORUS
waveform data
Shift
Envelope
Envelope
Mixer output
Pitch A
Pitch B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com