Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN340N07 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN340N07
Description  HiPerFET??Power MOSFETs Single Die MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN340N07 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN340N07 Datasheet HTML 1Page - IXYS Corporation IXFN340N07 Datasheet HTML 2Page - IXYS Corporation IXFN340N07 Datasheet HTML 3Page - IXYS Corporation IXFN340N07 Datasheet HTML 4Page - IXYS Corporation IXFN340N07 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
IXFN 340N07
Fig. 2. Output Characteristics
@ 125 Deg. C
0
40
80
120
160
200
240
0
0.4
0.8
1.2
1.6
2
VDS - Volts
VGS=10V
9V
8V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
40
80
120
160
200
240
0
0.3
0.6
0.9
1.2
1.5
V
DS - V olts
VGS=10V
9V
8V
7V
5V
6V
Fig. 3. Temperature Dependence of
RDS(ON)
2
2.5
3
3.5
4
4.5
5
5.5
-50
-25
0
25
50
75
100
125
150
T
J - De gr ees Ce ntigr ade
ID=200A
ID=100A
Fig. 4. RDS(ON) Normalized to IL(RMS)
Value vs. Junction Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100 125 150
T
J - De gr e e s Ce ntigr ade
ID=200A
ID=100A
Fig. 6. Temperature dependence of
Breakdown & Threshold Voltage
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100 125 150
TJ - Degrees Centigrade
V
GS(TH)
BV
DSS
Fig. 5. RDS(ON) Normalized to IL(RMS)
Value vs. ID
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
50
100
150
200
250
ID - Amperes
TJ=125°C
TJ=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com