Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN340N07 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFN340N07
Description  HiPerFET??Power MOSFETs Single Die MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN340N07 Datasheet(HTML) 5 Page - IXYS Corporation

  IXFN340N07 Datasheet HTML 1Page - IXYS Corporation IXFN340N07 Datasheet HTML 2Page - IXYS Corporation IXFN340N07 Datasheet HTML 3Page - IXYS Corporation IXFN340N07 Datasheet HTML 4Page - IXYS Corporation IXFN340N07 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2004 IXYS All rights reserved
IXFN 340N07
Fig. 13. Forward-Bias Safe
Operating Area
10
100
1,000
10,000
1
10
100
VD S - Volts
100µs
10ms
DC
1ms
R
DS(on) Lim it
TC = 25ºC
TJ = 150ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com