Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN340N07 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN340N07
Description  HiPerFET??Power MOSFETs Single Die MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN340N07 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN340N07 Datasheet HTML 1Page - IXYS Corporation IXFN340N07 Datasheet HTML 2Page - IXYS Corporation IXFN340N07 Datasheet HTML 3Page - IXYS Corporation IXFN340N07 Datasheet HTML 4Page - IXYS Corporation IXFN340N07 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN 340N07
Fig. 9. Source Current vs. Source-To-
Drain Voltage
-240
-200
-160
-120
-80
-40
0
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
VSD - Volts
TJ=125°C
T
J=25°C
Fig. 11. Capacitance
1000
10000
100000
0
10
203040
VDS - Volts
Ciss
Coss
Crs s
f=100kHz
Fig. 10. Gate Charge
0
2
4
6
8
10
0
100
200
300
400
500
Q
G - nanoCoulom bs
V
DS=50V
ID=100A
IG=10mA
Fig. 7. Input Admittance
0
50
100
150
200
250
2.533.5
4
4.5
55.5
6
VGS - Volts
TJ= -40°C
25
°C
125
°C
Fig. 12. Transient Thermal Resistance
0.001
0.01
0.1
1
1
10
100
1000
Pulse Width - milliseconds
Fig. 8. Transconductance
0
30
60
90
120
150
180
0
40
80
120
160
200
240
ID - Amperes
TJ=25°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com