Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

YMF795 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 7Page - YAMAHA CORPORATION YMF795 Datasheet HTML 8Page - YAMAHA CORPORATION YMF795 Datasheet HTML 9Page - YAMAHA CORPORATION YMF795 Datasheet HTML 10Page - YAMAHA CORPORATION YMF795 Datasheet HTML 11Page - YAMAHA CORPORATION YMF795 Datasheet HTML 12Page - YAMAHA CORPORATION YMF795 Datasheet HTML 13Page - YAMAHA CORPORATION YMF795 Datasheet HTML 14Page - YAMAHA CORPORATION YMF795 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
YMF795
-11-
TI3 - TI0 : Interval setting
These bits are used to set the interval time before the processing of the next note and rest. The interval “48”
represents the time for the whole note.
TI [3:0]
Interval
0h
0
1h
2
2h
3
3h
4
4h
6
5h
8
6h
9
7h
12
8h
18
9h
24
Ah
48
Bh
0
Ch
16
Dh
24
Eh
36
Fh
48
TK2 – TK0 : Note (sound length) designation
These 3 bits are used to designate the note (sound length). Depending on the value of interval setting (TI3 - 0), the
length varies as shown in the following table. The interval “48” represents the time for the whole note.
TI [3:0] = 0 to Ah
TI [3:0] = B to Fh
TK[2:0]
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Sound
length
1
2
3
5
7
8
11
17
15
23
29
32
35
41
47
Tie, Slur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com