Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

YMF795 Datasheet(PDF) 39 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 39 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 35Page - YAMAHA CORPORATION YMF795 Datasheet HTML 36Page - YAMAHA CORPORATION YMF795 Datasheet HTML 37Page - YAMAHA CORPORATION YMF795 Datasheet HTML 38Page - YAMAHA CORPORATION YMF795 Datasheet HTML 39Page - YAMAHA CORPORATION YMF795 Datasheet HTML 40Page - YAMAHA CORPORATION YMF795 Datasheet HTML 41Page - YAMAHA CORPORATION YMF795 Datasheet HTML 42Page - YAMAHA CORPORATION YMF795 Datasheet HTML 43Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
YMF795
-39-
4. AC characteristics
Conditions: Input signal of VIH=0.8×DVDD, VIL=0.1×DVDD.
Timing measurement at VIH=0.7×DVDD, VIL=0.2×DVDD.
4-1. CLK_I ,Reset
Parameter
Symbol
Min.
Typ.
Max.
Unit
CLK_I clock period
Tcclk_period
35.8
ns
CLK_I “L” pulse width
Tcclk_low
12
ns
CLK_I “H” pulse width
Tcclk_high
12
ns
/RST active “L” pulse width
Trst_low
100
× CLK_I
SCLK start delay time
(after /RST inactive)
Trst2clk
64
× CLK_I
Note) TOP=-40 to 85°C, DVDD=3.3±0.3V, Capacitor load=50pF
“× CLK_I” indicates the number of clocks inputted through the CLK_I pin.
CLK_I Duty
Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com