Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

YMF795 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 17Page - YAMAHA CORPORATION YMF795 Datasheet HTML 18Page - YAMAHA CORPORATION YMF795 Datasheet HTML 19Page - YAMAHA CORPORATION YMF795 Datasheet HTML 20Page - YAMAHA CORPORATION YMF795 Datasheet HTML 21Page - YAMAHA CORPORATION YMF795 Datasheet HTML 22Page - YAMAHA CORPORATION YMF795 Datasheet HTML 23Page - YAMAHA CORPORATION YMF795 Datasheet HTML 24Page - YAMAHA CORPORATION YMF795 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
YMF795
-21-
■Power-down control division diagram
Power-down of the LSI can be controlled for each divided internal function.
The power-down is controlled by Index 38h.
■Explanation of each bit
DP0
This is the bit to power off the whole digital section.
Consumption current of the digital part can be minimized because internal clock stops.
Contents of the registers are held but data in the FIFO are cleared.
AP1
This is the bit to power off the VREF circuit.
If AP1 is set to “1”, the whole analog section stops. Because an analog center voltage is made by VREF circuit.
AP2
This is the bit to power off the FM volume section, EQ circuit, speaker volume, and non-inverted amplifier side of
speaker output section.
SYNC
SDIN
SCLK
/RST
/IRQ
EQ1
VREF
Serial
I/F
VOL
32-step
Register
RAM
FM
Synthesizer
Simultaneous
Sound
Generation
4-tone
DAC
AMP
Timing Generator
VOL
32-step
FIFO
16b × 32w
EQ
EQ2
EQ3
SPOUT1
VREF
Controlled by
using DP bit
Controlled by
using AP4 bit
Controlled by
using AP3 bit
Controlled by
using AP1 bit
Controlled by
using AP2 bit
VOL
32-step
SPVSS
SPOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com