Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551A-2.5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2551A-2.5
Description  USB Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551A-2.5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2551A-2.5 Datasheet HTML 1Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 2Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 3Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 4Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 5Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 6Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 7Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 8Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
March 2006
5
M9999-031306
MIC2551A-2.5
Micrel, Inc.
DC Electrical Characteristics (Transceiver) (Note 6)
Leakage Current
ILO
Hi-Z State Data Line Leakage
(Suspend Mode)
0V < VIN < 3.3V, SUS = 1
-10
10
µA
Input Levels
VDI
Differential Input Sensitivity
|(D+) - (D-)|
0.2
V
VCM
Differential Common Mode Range
Includes VDI range
0.8
2.5
V
VSE
Single-Ended Receiver Threshold
0.8
2.0
V
Receiver Hysteresis
200
mV
Output Levels
VOL
Static Output Low
RL = 1.5kΩ to 3.6V
0.3
V
VOH
Static Output High
RL = 1.5kΩ to GND
2.8
3.6
V
Capacitance
CIN
Transceiver Capacitance
Pin to GND
10
pF
ZRDV
Driver Output Resistance
Steady-state drive
8
16
24
AC Electrical Characteristics (Notes 5)
Driver Characteristics (Low Speed)
TR
Transition Rise Time
CL = 50pF, Figure 2
CL = 600pF
75
300
ns
TF
Transition Fall Time
CL = 50pF, Figure 2
CL = 600pF
75
300
ns
TR, TF
Rise/Fall Time Matching
(TR, TF)
80
125
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
Driver Characteristics (Full Speed)
TR
Transition Rise Time
CL = 50pF, Figure 2
4
20
ns
TF
Transition Fall Time
CL = 50pF, Figure 2
4
20
ns
TR, TF
Rise/Fall Time Matching
(TR, TF)
90
111.11
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
Transceiver Timing
tPVZ
OE# to RCVR Tri-State Delay
Figure 1
15
ns
tPZD
Receiver Tri-State to Transmit
Delay
Figure 1
15
ns
tPDZ
OE# to DRVR Tri-State Delay
Figure 1
15
ns
tPZV
Driver Tri-State to Receiver Delay
Figure 1
15
ns
tPLH
tPHL
VP, VM to D+, D- Propagation
Delay
Figure 4
15
ns
tPLH
tPHL
D+, D- to RCV Propagation Delay
Figure 3
15
ns
tPLH
tPHL
D+, D- to VP, VM Propagation
Delay
Figure 3
8
ns
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. Specification applies to the following pins: SUS, SPD, CON, RCV, VP, VM, OE#.
Note 5. All AC parameters guaranteed by design but not production tested.
Note 6. Specification for packaged product only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ESD Protection
IEC-1000-4-2
(D+, D-, VBUS
only)
Air Discharge
10 pulses
±15
kV
Contact Discharge
10 pulses
±15
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com