Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551A-2.5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2551A-2.5
Description  USB Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551A-2.5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2551A-2.5 Datasheet HTML 2Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 3Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 4Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 5Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 6Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 7Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 8Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 9Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
March 2006
9
M9999-031306
MIC2551A-2.5
Micrel, Inc.
PCB Layout Recommendations
Although the USB standard and applications are not based in
an impedance-controlled environment, a properly designed
PCB layout is recommended for optimal transceiver perfor-
mance. The suggested PCB layout hints are as follows:
• Match signal line traces (VP/VM, D+, D–) to
40ps, approximately one-third inch if possible.
FR-4 PCB material propagation is about 150ps/
inch, so to minimize skew try to keep VP/VM,
D+/D– traces as short as possible.
• For every signal line trace width (w), separate
the signal lines by 1.5 – 2 widths. Place all other
traces at >2 widths from all signal line traces.
• Maintain the same number of vias on each dif-
ferential trace, keeping traces approximately at
same separation distance along the line.
• Control signal line impedances to ±10%.
• Keep RS as close to the IC as possible, with
equal distance between RS and the IC for both
D+ and D–.
Configuration Mode
VBUS/VTRM
VIF
Notes
Normal
Connected
Connected
Normal supply configuration and operation.
Disconnect (D+/D-
sharing)
Open
Connected
VP/VM are HIGH outputs, RCV is LOW.
With OE# = 0 and SUS = 1, data lines may be driven with external
devices up to 3.6V.
With D+, D- floating, IIF draws less than 1µA.
Disconnect
Ground
Connected
VP/VM are HIGH outputs, RCV is LOW.
With D+, D- floating, IIF draws less than 1µA.
Disable Mode
Connected
Open
Logic controlled input pins are Hi-Z. No communication is possible
until interface voltage is restored.
Unpowered
Connected
Ground
Inoperative
Table 1. Power Supply Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com