Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551A-2.5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2551A-2.5
Description  USB Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551A-2.5 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2551A-2.5 Datasheet HTML 2Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 3Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 4Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 5Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 6Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 7Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 8Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 9Page - Micrel Semiconductor MIC2551A-2.5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC2551A-2.5
Micrel, Inc.
M9999-031306
8
March 2006
Power Supply Configuration
The MIC2551A can be set up for different power supply
configurations which modify the behavior of the device. Both
VBUS and VIF have special thresholds that detect when they
are either removed or grounded. Table 1 depicts the behavior
under the different power supply configuration scenarios that
are explained below.
Normal Mode
VBUS is connected to the 5.0V USB bus voltage and VIF is
connected to a supply voltage in the range of 1.6V to 3.6V. In
thiscaseVTRMsuppliesa3.3Vvoltageforpoweringthespeed
select resistor via VPU depending on the state of CON pin.
Disconnect Mode
VIF is connected to a supply in a range of 1.6V to 3.6V and
VBUSisopenorgrounded.IfVBUSisopenedwhiletransmitting,
the data lines (D+, D–) have sharing capability and may be
driven with external devices up to approximately 3.6V if and
only if SUSPEND is enabled (SUS = 1). With VBUS ground,
D+, D– sharing mode is not permitted.
Disable Mode
VBUS is connected to the 5.0V USB bus voltage and VIF is
open. All logic controlled inputs become high impedances,
thus minimal current will be supplied by VIF if the input pins
are pulled up to an external source.
Alternate Power Supply Configuration Options
I/O Interface Using 3.3V
In systems where the I/O interface utilizes a 3.3V USB con-
troller, an alternate solution is shown in Figure 7. No extra
components are required; however, the load on VTRM must
not exceed 10mA.
MIC2551A
VIF
VBUS
I/O
VBUS
VP/VM/
RCV/OE#
VTRM
USB
Controller
VDD
3.3V
Figure 7. I/O Interface Using 3.3V
Bypass Input
VBUS and VTRM are tied together to a supply voltage in the
range of 3.0V to 3.6V. The internal regulator is bypassed
and the internal circuitry is run from the VTRM input. See
Figure 8.
MIC2551A
VIF
3.3V
VBUS
VTRM
Figure 8. Powering MIC2551A
from External 3.3V
Signal Amplitude Respective to VIF
When operating the MIC2551A, it is necessary to provide
input signals which do not exceed VIF + 0.3V.
Suspend
When the suspend pin (SUS) is high, power consumption is
reduced to a minimum. VTRM is not disabled. RCV, VP and
VM are still functional to enable the device to detect USB
activity. For minimal current consumption in suspend mode,
it is recommended that OE# = 1, and SPD = 0.
Speed
The speed pin (SPD) sets D+/D– output edge rates by in-
creasing or decreasing biasing current sources within the
output drivers. For low speed, SPD = 0. For full speed, SPD
= 1. By setting SPD = 0 during idle periods, in conjunction
with suspend (SUS), the lowest quiescent current can be
obtained. However, designers must provide a 300ns delay
between changing SPD from 0 to 1 and transmission of data
at full speed. This delay ensures the output drivers have ar-
rived at their proper operating conditions. Failure to do so
can result in leading edge distortion on the first few data bits
transmitted.
Non-Multiplexed Bus
InordertosavepincountfortheUSBlogiccontrollerinterface,
the MIC2551Awas designed with VPand VM as bi-directional
pins. To interface the MIC2551A with a non-multiplexed data
bus, resistors can be used for low cost isolation, as shown
in Figure 9.
VPO
VP
VM
VMO
USB Logic
Controller
(SIE)
MIC2551A
VP
VM
10k
10k
Figure 9. MIC2551A Interface to
Non-Multiplexed Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com