Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1156 Datasheet(PDF) 7 Page - ams AG

Part # AS1156
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1156 Datasheet(HTML) 7 Page - ams AG

Back Button AS1156 Datasheet HTML 3Page - ams AG AS1156 Datasheet HTML 4Page - ams AG AS1156 Datasheet HTML 5Page - ams AG AS1156 Datasheet HTML 6Page - ams AG AS1156 Datasheet HTML 7Page - ams AG AS1156 Datasheet HTML 8Page - ams AG AS1156 Datasheet HTML 9Page - ams AG AS1156 Datasheet HTML 10Page - ams AG AS1156 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
7 - 15
AS1156/AS1154
austriamicrosystems
Data Sheet
Switching Characteristics
Figure 9. Differential Output Voltage vs. VCC
Figure 10. Differential Output Voltage vs. Frequency
Figure 11. Offset Voltage vs. VCC
Figure 12. Offset Voltage vs. Frequency
Figure 13. Output Voltage vs. VCC;
Figure 14. Output Voltage vs. Load Resistance;
325
330
335
340
345
350
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
0
50
100
150
200
250
300
350
0
50 100 150 200 250 300 350 400
Frequency (MHz)
1.1
1.15
1.2
1.25
1.3
1.35
0
50
100
150
200
250
Frequency (MHz)
1.2
1.21
1.22
1.23
1.24
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
0.95
1.05
1.15
1.25
1.35
1.45
80
90
100
110
120
130 140
150
Load Resistance ( )
0.95
1.05
1.15
1.25
1.35
1.45
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
VOUT+
VOUT-
Ω
VOUT+
VOUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com