Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1156 Datasheet(PDF) 5 Page - ams AG

Part # AS1156
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1156 Datasheet(HTML) 5 Page - ams AG

  AS1156 Datasheet HTML 1Page - ams AG AS1156 Datasheet HTML 2Page - ams AG AS1156 Datasheet HTML 3Page - ams AG AS1156 Datasheet HTML 4Page - ams AG AS1156 Datasheet HTML 5Page - ams AG AS1156 Datasheet HTML 6Page - ams AG AS1156 Datasheet HTML 7Page - ams AG AS1156 Datasheet HTML 8Page - ams AG AS1156 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 15
AS1156/AS1154
austriamicrosystems
Data Sheet
Switching Characteristics
Switching Characteristics
(VCC = +3.0 to +3.6V, RL = 100
Ω ±1%, CL = 2.5pF (differential), TA = -40 to +85°C
Typical values are at VCC = +3.3V, TA = +25ºC, Unless Otherwise Noted.) 1, 2, 3, 10
Notes:
1. Parameters are guaranteed by design and characterization.
2. CL includes probe and jig capacitance.
3. Signal generator conditions for dynamic tests: VOL = 0, VOH = 2.4V, f = 100MHz, 50% duty cycle, RO = 50Ω,
tR
≤ 1ns, tF ≤ 1ns (0 to 100%).
4. tSKD1 is the magnitude difference of differential propagation delay. tSKD1 = |tPHLD - tPLHD|.
5. tSKD2 is the magnitude difference of tPHLD or tPLHD of one channel to the tPHLD or tPLHD of another channel on
the same device.
6. tSKD3 is the magnitude difference of any differential propagation delays between devices at the same VCC and
within 5°C of each other.
7. tSKD4 is the magnitude difference of any differential propagation delays between devices operating over the
rated supply and temperature ranges.
8. fMAX signal generator conditions: VOL = 0, VOH = 2.4V, 50% duty cycle, RO = 50Ω,
tR
≤ 1ns, tF ≤ 1ns (0 to 100%).
9. Transmitter output criteria: duty cycle = 45 to 55%, VOD
≥ 250mV.
10. For optimum performance matched circuits should be used.
Table 4. Switching Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential Propagation Delay,
High-to-Low
tPHLD
Figure 20 on page 11 and
Figure 21 on page 11
1.1
1.268
1.5
ns
Differential Propagation Delay,
Low-to-High
tPLHD
Figure 20 on page 11 and
Figure 21 on page 11
1.1
1.267
1.5
ns
Differential Pulse Skew 4
tSKD1
Figure 20 on page 11 and
Figure 21 on page 11
90
200
ps
Differential Channel-to-Channel Skew 5
tSKD2
Figure 20 on page 11 and
Figure 21 on page 11
110
250
ps
Differential Part-to-Part Skew 6
tSKD3
Figure 20 on page 11 and
Figure 21 on page 11
750
ps
Differential Part-to-Part Skew 7
tSKD4
Figure 20 on page 11 and
Figure 21 on page 11
900
ps
Rise Time
tTLH
Figure 20 on page 11 and
Figure 21 on page 11
200
356
800
ps
Fall Time
tTHL
Figure 20 on page 11 and
Figure 21 on page 11
200
352
800
ps
Maximum Operating Frequency 8, 9
fMAX
400
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com