Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1156 Datasheet(PDF) 6 Page - ams AG

Part # AS1156
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1156 Datasheet(HTML) 6 Page - ams AG

Back Button AS1156 Datasheet HTML 2Page - ams AG AS1156 Datasheet HTML 3Page - ams AG AS1156 Datasheet HTML 4Page - ams AG AS1156 Datasheet HTML 5Page - ams AG AS1156 Datasheet HTML 6Page - ams AG AS1156 Datasheet HTML 7Page - ams AG AS1156 Datasheet HTML 8Page - ams AG AS1156 Datasheet HTML 9Page - ams AG AS1156 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 15
AS1156/AS1154
austriamicrosystems
Data Sheet
Switching Characteristics
7 Typical Operating Characteristics
VCC = +3.3V, CLOAD = 2.5pF (differential), Freq = 20MHz, Tamb = +25ºC, unless otherwise noted
Figure 3. Transition Time vs. VCC
Figure 4. Transition Time vs. Temperature
Figure 5. Differential Pulse Skew vs. VCC
Figure 6. Pulse Skew vs. Temperature
Figure 7. Differential Propagation Delay vs. VCC;
Figure 8. Differential Propagation Delay vs. Temp.
0
50
100
150
200
250
300
350
-50
-30
-10
10
30
50
70
90
Ambient Temperature(°C)
230
240
250
260
270
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
tTLH
tTHL
tTLH
tTHL
0
5
10
15
20
25
30
35
-50
-30
-10
10
30507090
Ambient Temperature(°C)
0
10
20
30
40
50
60
70
80
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
0.95
0.97
0.99
1.01
1.03
1.05
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
tPLHD
tPHLD
0.98
1
1.02
1.04
1.06
1.08
1.1
1.12
1.14
-50
-30
-10
10
30
50
70
90
Ambient Temperature(°C)
tPLHD
tPHLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com