Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7546 Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 53Page - STMicroelectronics TDA7546 Datasheet HTML 54Page - STMicroelectronics TDA7546 Datasheet HTML 55Page - STMicroelectronics TDA7546 Datasheet HTML 56Page - STMicroelectronics TDA7546 Datasheet HTML 57Page - STMicroelectronics TDA7546 Datasheet HTML 58Page - STMicroelectronics TDA7546 Datasheet HTML 59Page - STMicroelectronics TDA7546 Datasheet HTML 60Page - STMicroelectronics TDA7546 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
TDA7546
Software specifications
57/68
The registers are written in the following order:
rds_int[7:0], rds_bd_ctrl[7:0], sinc4reg[7:0], testreg[7:0], pllreg4[7:0], pllreg3[7:0],
pllreg2[7:0], pllreg1[7:0], pllreg0[7:0].
sinc4reg[7:0] and testreg[7:0] are dedicated for test and have to keep zero filled for
application.
Figure 14.
I2C write operation example: write of rds_int and rds_bd_ctrl registers
Read transfer
Figure 15.
I2C read transfer
13 bytes can be read at a time (please refer to the to the relevant sectionsfor the meaning of
each bit).
The master has the possibility to read less than 13 registers by not sending the
acknowledge bit and then generating a stop condition after having read the needed amount
of registers.
There are two typical read access:
read only the first register rds_int to check the interrupt bit.
read the first five registers rds_int, rds_qu, rds_corrp, rds_bd_h and rds_bd_l to
get the RDS data.
The registers are read in the following order:
rds_int[7:0], rds_qu[7:0], rds_corrp[7:0], rds_bd_h[7:0], rds_bd_l[7:0], rds_bd_ctrl[7:0],
sinc4reg[7:0], testreg[7:0], pllreg4[7:0], pllreg3[7:0], pllreg2[7:0], pllreg1[7:0], pllreg0[7:0].
Only the “bne” flag can be used for polling mode. There are two different ways to use this
mode, while the first one causes less bus traffic than the second:
1.
Read only the first register rds_int to check the “bne” bit.
If “bne” bit is not set, the stop condition can be set, as shown in (Figure 17).
S
SDA
SCL
START
CONDITION
W
ACK
rds_int[7:0]
rds_bd_ctrl[7:0]
P
STOP
CONDITION
ACK
ACK
SA
CSN 1
0
SLAVE ADDRESS
R
S
Slave address
rds_int
A
rds_qu
A
A
testreg
A
P
from master to slave
from slave to master
S = start condition
Slave address = 001000S ( where S is the level of the pin
SA_DATAOUT)
A = acknowledge bit
P = stop condition
R = read mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com