Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7546 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 26Page - STMicroelectronics TDA7546 Datasheet HTML 27Page - STMicroelectronics TDA7546 Datasheet HTML 28Page - STMicroelectronics TDA7546 Datasheet HTML 29Page - STMicroelectronics TDA7546 Datasheet HTML 30Page - STMicroelectronics TDA7546 Datasheet HTML 31Page - STMicroelectronics TDA7546 Datasheet HTML 32Page - STMicroelectronics TDA7546 Datasheet HTML 33Page - STMicroelectronics TDA7546 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Functional description
TDA7546
30/68
5.2.5
Group and block synchronization module
The group and block synchronization module has the following features:
Hardware group and block synchronization
Hardware error detection
Hardware error correction, using quality bit information to indicate bad corrections
Hardware synchronization flywheel
TA, TAEON information extraction
Reset by software “ar_res”, which resets also RAM buffer addresses and RDS
demodulator
Figure 6.
Group and block synchronization diagram
This module is used to acquire group and block synchronization of the received RDS data
stream, which is provided in a modified shortened cyclic code. For theory and
implementation of modified shortened cyclic code and error correction, please refer to
CENELEC Radio Data System (RDS) specification EN50067.
Group and block synchronization module can detect and correct five bit error burst in the
data stream. If an error correction is done on a good quality marked RDS bit, the “data_ok”
bit rds_corrp[1] won’t be set (refer to page 49). Before error correction, the five MSBs of the
syndrome register are stored in the “cp” bits rds_corrp[7:3].
If the five LSBs of the syndrome register are zero, the “cp” pattern is used for error
correction. After that operation the syndrome must become zero for valid RDS data. The
type of error can be measured with the five “cp” bits in order to classify the reliability of the
correction. Each bit set within “cp” means that one bit was corrected.
The two RDS data bytes rds_bd_h[7:0] and rds_bd_l[7:0] are available at the I2C/SPI
interface together with status bits rds_corrp[7:0] and rds_qu[7:0] giving reliability information
of the data (refer to Figure 5). rds_int[7:0] bits are used for interrupt and group and block
S(4:0)
RDSCLK
RDSDAT
RDSQAL
rds_bd_h,rds_bd_l
rds_corrp
rds_qu
rds_int
RDSDAT(15:0)
Q(3:0)
CP(9:5)
Correct. pat.
Syndrome register
S(9:0)
Correction
logic
Corrected
Data_OK
Block
missed
QU(0:3)
RDS block counter
ABH
DBH
BLOCK E detected
Syndrom zero
Group & Block Synchronization Control Block
set
set
new
Block
available
next
RDS
bit
int
bit_int
res
AR_RES
read only
read only
read only
read/write
BLOCK A
Quality bit counter
from RDS
Demodulator
BLOCK B
BLOCK D
TAEON
TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com