Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7546 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 20Page - STMicroelectronics TDA7546 Datasheet HTML 21Page - STMicroelectronics TDA7546 Datasheet HTML 22Page - STMicroelectronics TDA7546 Datasheet HTML 23Page - STMicroelectronics TDA7546 Datasheet HTML 24Page - STMicroelectronics TDA7546 Datasheet HTML 25Page - STMicroelectronics TDA7546 Datasheet HTML 26Page - STMicroelectronics TDA7546 Datasheet HTML 27Page - STMicroelectronics TDA7546 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Functional description
TDA7546
24/68
IF counter block
The aim of IF counter is to measure the intermediate frequency of the tuner. The input signal
is the 10.7MHz IF level after limiter.
The grade of integration is adjustable by eight different measuring cycle times. The
tolerance of the accepted count value is adjustable, to reach an optimum compromise for
search speed and precision of the evaluation.
Sampling timer
A sampling timer generates the gate signal for the main counter. The basically sampling
time are in FM mode 6.25KHz (tTIM=160μs).
This is followed by an asynchronous divider to generate several sampling times.
Intermediate frequency main counter
This counter is a 11 - 21-bit synchronous autoreload down counter. Five bits (CF) are
programmable to have the possibility for an adjust to the centre frequency of the IF-filter.
The counter length is automatic adjusted to the chosen sampling time.
At the start the counter will be loaded with a defined value which is an equivalent to the
divider value (tSample xfIF).
If a correct frequency is applied to the IF counter frequency input at the end of the sampling
time the main counter is changing its state from 0h to 1FFFFFh.
This is detected by a control logic and an external search stop output is changing from LOW
to HIGH. The frequency range inside which a successful count result is adjustable by the
EW bits.
Counter result succeeded:
tTIM tCNT - tERR
tTIM tCNT + tERR
Counter result failed:
tTIM > tCNT + tERR
tTIM < tCNT - tERR
tTIM = IF timer cycle time (sampling time)
tCNT = IF counter cycle time
tERR = discrimination window (controlled by the EW registers)
The IF counter is only started by inlock information from the PLL part. It is enabled by
software (IFENA).
Adjustment of the measurement sequence time
The precision of the measurements is adjustable by controlling the discrimination window.
This is adjustable by programming the control registers EW.
The measurement time per cycle is adjustable by setting the registers IFS.
Adjust of the frequency value
The center frequency of the discrimination window is adjustable by the control registers CF.
CNT
CF
1696
+
f
IF
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com