Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R7FA8D1AXECFC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R7FA8D1AXECFC
Description  High-performance 480 MHz Arm® Cortex®-M85 core with HeliumTM, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 12 KB Data flash memory, and 1 MB SRAM with Parity/ECC.
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA8D1AXECFC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R7FA8D1AXECFC Datasheet HTML 9Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 10Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 11Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 12Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 13Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 14Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 15Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 16Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
Table 1.14
Pin functions (3 of 7)
Function
Signal
I/O
Description
AGT
AGTEEn
Input
External event input enable signals
AGTIOn
I/O
External event input and pulse output pins
AGTOn
Output
Pulse output pins
AGTOAn
Output
Output compare match A output pins
AGTOBn
Output
Output compare match B output pins
ULPT
ULPTEEn
Input
External count control input
ULPTEVIn
Input
External event input
ULPTOn
Output
Pulse output
ULPTOAn
Output
Output compare match A output
ULPTOBn
Output
Output compare match B output
ULPTEEn-DS
Input
External count control input that can also be used in Deep Software
Standby mode1
ULPTEVIn-DS
Input
External event input that can also be used in Deep Software
Standby mode1
ULPTOn-DS
Output
Pulse output that can also be used in Deep Software Standby
mode1
ULPTOAn-DS
Output
Output compare match A output that can also be used in Deep
Software Standby mode1
ULPTOBn-DS
Output
Output compare match B output that can also be used in Deep
Software Standby mode1
RTC
RTCOUT
Output
Output pin for 1-Hz or 64-Hz clock
RTCICn
Input
Time capture event input pins
SCI
SCKn
I/O
Input/output pins for the clock (clock synchronous mode)
RXDn
Input
Input pins for received data (asynchronous mode/clock synchronous
mode)
TXDn
Output
Output pins for transmitted data (asynchronous mode/clock
synchronous mode)
CTSn_RTSn
I/O
Input/output pins for controlling the start of transmission and
reception (asynchronous mode/clock synchronous mode), active-
low.
CTSn
Input
Input for the start of transmission.
DEn
Output
Driver enable signal for RS-485
SCLn
I/O
Input/output pins for the IIC clock (simple IIC mode)
SDAn
I/O
Input/output pins for the IIC data (simple IIC mode)
SCKn
I/O
Input/output pins for the clock (simple SPI mode)
MISOn
I/O
Input/output pins for slave transmission of data (simple SPI mode)
MOSIn
I/O
Input/output pins for master transmission of data (simple SPI mode)
SSn
Input
Chip-select input pins (simple SPI mode), active-low
IIC
SCLn
I/O
Input/output pins for the clock
SDAn
I/O
Input/output pins for data
I3C
I3C_SCL0
I/O
Input/output pins for the clock
I3C_SDA0
I/O
Input/output pins for data
RA8D1 Datasheet
1. Overview
R01DS0416EJ0120 Rev.1.20
Nov 22, 2024
Page 13 of 192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com