Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R7FA8D1AXECFC Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R7FA8D1AXECFC
Description  High-performance 480 MHz Arm® Cortex®-M85 core with HeliumTM, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 12 KB Data flash memory, and 1 MB SRAM with Parity/ECC.
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA8D1AXECFC Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R7FA8D1AXECFC Datasheet HTML 20Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 21Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 22Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 23Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 24Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 25Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 26Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 27Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
Table 1.15
Pin list (3 of 7)
Power, System,
Clock, Debug,
CAC
I/O ports
Ex. Bus, SDRAM
Ex. Interrupt
SCI/IIC/I3C/SPI/CANFD/USBFS/
USBHS/OSPI/ SSIE/SDHI/MMC/
EHTERC(MII,RMII)
GPT/AGT/
ULPT/RTC
ADC12/
DAC12/
ACMPHS
MIPI, GLCDC, CEU
C10
-
57
-
VSS_MIPI
-
-
-
-
-
-
-
B9
-
58
-
AVCC_MIPI
-
-
-
-
-
-
-
-
B12
-
50
CLKOUT
P205
-
IRQ1-DS
TXD4_A/MOSI4_A/
SDA4_A/SCL1_B/SSLA1_A/
USB_OVRCURA/SSILRCK1/
SSIFS1_A/SD0DAT3_A
GTIV/GTIOC4A/
AGTO1
-
-
-
A12
-
51
CACREF
P204
-
-
SCK4_A/DE4/SSLA0_A/
USB_OVRCURB/SSIBCK1_A/
SD0DAT4_A
GTIW/GTIOC4B/
AGTIO1
-
-
-
B11
-
52
-
P203
-
IRQ2-DS
RSPCKA_A/CTX0/SD0DAT5_A
GTIOC5A/
ULPTOA1
-
-
-
A11
-
53
-
P202
-
IRQ3-DS
MOSIA_A/CRX0/SD0DAT6_A
GTIOC5B/
ULPTOB1
-
-
-
B10
-
54
-
P313
-
-
CTS3_C/MISOA_A/SD0DAT7_A
-
-
-
-
A10
-
55
-
P314
-
-
CTS_RTS3_C/SS3_C/DE3
-
ADTRG0
-
-
C11
-
56
-
P315
-
-
SCK3_C/DE3
-
-
-
-
C10
-
57
-
P900
-
-
TXD3_C/MOSI3_C/SDA3_C
-
-
-
-
B9
-
58
-
P901
-
-
RXD3_C/MISO3_C/SCL3_C
AGTIO1
-
-
D10
D10
-
-
-
P902
-
-
-
-
-
LCD_DATA8_B
C12
C12
59
59
VSS
-
-
-
-
-
-
-
F12
F12
60
60
VCC
-
-
-
-
-
-
-
C9
C9
-
-
-
P903
-
-
-
GTIOC11A
-
LCD_DATA7_B
D9
D9
-
-
-
P904
-
-
-
GTIOC11B
-
LCD_DATA6_B
A8
A8
61
61
VCL
-
-
-
-
-
-
-
E10
E10
62
62
TCK/SWCLK
P211
-
-
SCK9_B/DE9
GTOUUP/
GTIOC0A
-
-
D8
D8
63
63
TMS/SWDIO
P210
-
-
CTS_RTS9_B/SS9_B/DE9
GTOULO/
GTIOC0B
-
-
F9
F9
64
64
TDO/SWO/
CLKOUT
P209
-
-
TXD9_B/MOSI9_B/SDA9_B/CTX1
GTOVUP/
GTIOC1A
-
-
F8
F8
65
65
TDI
P208
-
IRQ3
RXD9_B/MISO9_B/SCL9_B/CRX1
GTOVLO/
GTIOC1B
VCOUT
-
E8
E8
-
-
CLKOUT
P913
-
-
-
-
-
LCD_DATA5_B
A9
A9
66
66
RES
-
-
-
-
-
-
-
E9
E9
67
67
MD
P201
-
-
-
-
-
-
B8
B8
68
68
-
P200
-
NMI
-
-
-
-
F7
F7
-
-
-
P912
-
-
-
GTIOC3A
-
LCD_DATA4_B
E6
E6
-
-
-
P911
-
-
-
GTIOC3B
-
LCD_DATA3_B
E7
E7
-
-
-
P910
-
-
-
-
-
LCD_DATA2_B
A7
A7
69
69
-
P909
CS3/CAS
-
USBHS_EXICEN
GTIOC12A
-
LCD_DATA23_A
C8
C8
70
70
-
P908
CS2/RAS
IRQ11
USBHS_ID
GTIOC12B
-
LCD_DATA22_A
B7
B7
71
71
-
P907
A16/A16
IRQ10
USB_EXICEN
GTIOC13A
-
LCD_DATA21_A
C7
C7
72
72
-
P906
A15/A15
IRQ9
USB_ID
GTIOC13B
-
LCD_DATA20_A
A6
A6
73
73
-
P905
A14/A14
IRQ8
CTS3_B
-
-
LCD_DATA19_A
D7
D7
74
74
-
P312
A13/A13
-
CTS_RTS3_B/SS3_B/DE3/CTX0/
ET0_TX_CLK
GTADSM0/
AGTOA1
-
LCD_DATA18_A
B6
B6
75
75
-
P311
A12/A12
-
SCK3_B/DE3/CRX0/ET0_TX_ER
GTADSM1/
AGTOB1
-
LCD_DATA17_A
G8
G8
-
-
VSS
-
-
-
-
-
-
-
D6
D6
76
76
-
P310
A11/A11
-
TXD3_B/MOSI3_B/SDA3_B/
ET0_ETXD2
AGTEE1
-
LCD_DATA16_A
C6
C6
77
77
-
P309
A10/A10
-
RXD3_B/MISO3_B/SCL3_B/
ET0_ETXD3
-
-
LCD_DATA15_A
A5
A5
78
78
TCLK
P308
A9/A9
-
CTS9_B/SD0CLK_B/ET0_MDC/
ET0_MDC
GTIU/ULPTOB1
-
-
B5
B5
79
79
TDATA0
P307
A8/A8
-
SD0CMD_B/ET0_MDIO/
ET0_MDIO
GTIV/ULPTOA1
-
-
RA8D1 Datasheet
1. Overview
R01DS0416EJ0120 Rev.1.20
Nov 22, 2024
Page 24 of 192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com