Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STR910FAM32H6T Datasheet(PDF) 33 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 29Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 30Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 31Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 32Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 33Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 34Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 35Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 36Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
33/99
3.21
I2C interfaces with DMA
The STR91xFA supports two independent I2C serial interfaces, designated I2C0, and I2C1.
Each interface allows direct connection to an I2C bus as either a bus master or bus slave
device (firmware configurable). I2C is a two-wire communication channel, having a bi-
directional data signal and a single-directional clock signal based on open-drain line drivers,
requiring external pull-up resistors.
Byte-wide data is transferred between a Master device and a Slave device on two wires.
More than one bus Master is allowed, but only one Master may control the bus at any given
time. Data is not lost when another Master requests the use of a busy bus because I2C
supports collision detection and arbitration. More than one Slave device may be present on
the bus, each having a unique address. The bus Master initiates all data movement and
generates the clock that permits the transfer. Once a transfer is initiated by the Master, any
device that is addressed is considered a Slave. Automatic clock synchronization allows I2C
devices with different bit rates to communicate on the same physical bus. A single device
can play the role of Master or Slave, or a single device can be a Slave only. A Master or
Slave device has the ability to suspend data transfers if the device needs more time to
transmit or receive data.
Each I2C interface on the STR91xFA has the following features:
Programmable clock supports various rates up to I2C Standard rate (100 KHz) or Fast
rate (400 KHz).
Serial I/O Engine (SIOE) takes care of serial/parallel conversion; bus arbitration; clock
generation and synchronization; and handshaking
Multi-master capability
7-bit or 10-bit addressing
3.21.1
DMA
A programmable DMA channel may be assigned by CPU firmware to service each I2C
channel for fast and direct transfers between the I2C bus and SRAM with little CPU
involvement. Both DMA single-transfers and DMA burst-transfers are supported for transmit
and receive.
3.22
SSP interfaces (SPI, SSI, and Microwire) with DMA
The STR91xFA supports two independent Synchronous Serial Port (SSP) interfaces,
designated SSP0, and SSP1. Primary use of each interface is for supporting the industry
standard Serial Peripheral Interface (SPI) protocol, but also supporting the similar
Synchronous Serial Interface (SSI) and Microwire communication protocols.
SPI is a three or four wire synchronous serial communication channel, capable of full-duplex
operation. In three-wire configuration, there is a clock signal, and two data signals (one data
signal from Master to Slave, the other from Slave to Master). In four-wire configuration, an
additional Slave Select signal is output from Master and received by Slave.
The SPI clock signal is a gated clock generated from the Master and regulates the flow of
data bits. The Master may transmit at a variety of baud rates, up to 24 MHz
In multi-Slave operation, no more than one Slave device can transmit data at any given time.
Slave selection is accomplished when a Slave’s “Slave Select” input is permanently
grounded or asserted active-low by a Master device. Slave devices that are not selected do



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com