Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STR910FAM32H6T Datasheet(PDF) 44 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 40Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 41Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 42Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 43Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 44Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 45Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 46Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 47Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
Pin description
STR91xFAx32 STR91xFAx42 STR91xFAx44
44/99
5.1
LFBGA144 ball connections
In Table 8 balls labelled NC are no connect balls. These NC balls are reserved for
future devices and should NOT be connected to ground or any other signal. There are
total of 9 NC (no connection) balls.
Balls H1 and G4 are assigned as EMI bus write signals (EMI_BWR_WRLn and
EMI_WRHn). These two balls can also be configured by the user as EMI low or high
byte select signals (EMI_LBn and EMI_UBn).
The PLLGND (B8) and PLLVDDQ (C9) balls can be connected to VSSQ and VDDQ.
Table 8.
STR91x LFBGA144 Ball Connections
A
BCD
E
F
G
H
J
K
L
M
1
P4.2
P7.2
NC
P7.0
VDDQ
P7.3
P7.4
EMI_WR
Hn
(EMI_UB
n)
VDDQ
PHYCLK
_P5.2(1)
P8.0
P2.2
2
AVREF
P4.1
P4.0
P7.1
P2.0
NC
P6.2
P5.3
P8.2
P8.3
VSSQ
P8.6
3
AVDD
P4.3
AVSS
NC
P2.1
VSS
P6.3
P8.1
P6.1
P2.3
P8.4
VBATT
4
P4.6
P4.5
P4.4
VSSQ
P5.0
VDD
EMI_BWR
_WRLn
(EMI_LBn)
P6.0
P8.5
VSSQ
P2.4
X2_RTC
5
P7.7
VDDQ
VSSQ
P4.7
P7.5
NC
VSSQ
VSS
P2.5
P8.7
VDDQ
X1_RTC
6
JTMS
JTDO
JTDI
P1.7
P7.6
P5.1
P2.6
P9.4
P9.3
P9.2
VDD
P9.0
7
P1.5
P1.4
NC
VDD
VSS
P1.6
P6.5
VDDQ
VSSQ
P3.0
USBCLK
_P2.7 (2)
P9.1
8
VSSQ
PLLVSS
Q
P1.3
JRSTn
JTCK
VSSQ
P6.4
EMI_BAA
n
P3.3
EMI_WAI
Tn
P9.5
EMI_BCL
K
9
RESET_
OUTn
P1.2
PLLVDDQ
VDDQ
P6.6
VDDQ
NC
P5.6
EMI_RDn
P9.7
P3.4
P9.6
10
X1_CPU
P1.0
P1.1
USBDN
(3)
TAMPER
_ IN
NC
VSS
P0.4
EMI_ALE
P0.1
P3.5
P3.1
11
X2_CPU
JRTCK
USBDP(2)
MII_MDI
O (3)
P0.6
P0.5
VDD
P5.5
P0.2
P3.7
P0.0
P3.2
12
EMI_WE
n
P0.7
RESET_I
Nn
P6.7
NC
NC
P5.7
P0.3
P5.4
VDDQ
VSSQ
P3.6
1.
No PHYCLK function on STR910F
AW devices.
2.
No USBCLK function on STR910F
AW devices.
3.
NU (Not Used) on STR910FAW devices. D10 is not connected, C11 must be pulled up by a 1.5 kOhm resistor to VDDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com