Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STR910FAM32H6T Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 31Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 32Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 33Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 34Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 35Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 36Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 37Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 38Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
35/99
3.24
A/D converter (ADC) with DMA
The STR91xFA provides an eight-channel, 10-bit successive approximation analog-to-
digital converter. The ADC input pins are multiplexed with other functions on Port 4 as
shown in Table 9. Following are the major ADC features:
Fast conversion time, as low as 0.7 usec
Accuracy. Integral and differential non-linearity are typically within 4 conversion counts.
0 to 3.6V input range. External reference voltage input pin (AVREF) available on 128-
pin packages for better accuracy on low-voltage inputs. See Table 12: Operating
conditions, for restrictions to the relative voltage levels of VDDQ, AVDD, AVREF, and
AVREF_AVDD.
CPU Firmware may convert one ADC input channel at a time, or it has the option to set
the ADC to automatically scan and convert all eight ADC input channels sequentially
before signalling an end-of-conversion
Automatic continuous conversion mode is available for any number of designated ADC
input channels
Analog watchdog mode provides automatic monitoring of any ADC input, comparing it
against two programmable voltage threshold values. The ADC unit will set a flag or it
will interrupt the CPU if the input voltage rises above the higher threshold, or drops
below the lower threshold.
The ADC unit goes to stand-by mode (very low-current consumption) after any reset
event. CPU firmware may also command the ADC unit to stand-by mode at any time.
ADC conversion can be started or triggered by software command as well as triggers
from Timer/Counter (TIM), Motor Controller and input from external pin.
3.24.1
DMA
A programmable DMA channel may be assigned by CPU firmware to service each ADC
conversion result for fast DMA single-transfer.
3.25
Standard timers (TIM) with DMA
The STR91xFA has four independent, free-running 16-bit timer/counter modules designated
TIM0, TIM1, TIM2, and TIM3. Each general purpose timer/counter can be configured by
firmware for a variety of tasks including; pulse width and frequency measurement (input
capture), generation of waveforms (output compare and PWM), event counting, delay
timing, and up/down counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com