Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP8340 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8340 Datasheet(HTML) 3 Page - Texas Instruments

  LP8340 Datasheet HTML 1Page - Texas Instruments LP8340 Datasheet HTML 2Page - Texas Instruments LP8340 Datasheet HTML 3Page - Texas Instruments LP8340 Datasheet HTML 4Page - Texas Instruments LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PD =
TJ(MAX) - TA
TJA
(4)
Maximum Power dissipation for the device is calculated using the following equations:
where TJ(MAX) is the maximum
LP8340
www.ti.com
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN, VOUT, VOUT Sense, ADJ
−0.3V to 12V
Storage Temperature Range
−65°C to 160°C
Junction Temperature (TJ)
150°C
Power Dissipation
See(4)
ESD Rating
Human Body Model(5)
2kV
Machine Model
200V
(1)
Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the ground pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The value of the θJA for the
WSON package is specifically dependant on the PCB trace area, trace material, and the number of layers and thermal vias. For
improved thermal resistance and power dissipation for the WSON package, refer to Application Note AN-1187 (SNOA401).
(5)
Human body model 1.5k
Ω in series with 100pF.
Operating Ratings
(1) (2)
Supply Voltage
2.7 to 10V
Temperature Range
LP8340C
0°C to 125°C
LP8340I
−40°C to 125°C
(1)
Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the ground pin.
LP8340C Electrical Characteristics
Unless otherwise specified all limits ensured for VIN = VO+ 1V, CIN = COUT = 10μF, TJ = 25°C. Boldface limits apply over the
full operating temperature range of TJ = 0°C to 125°C
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VIN
Input Voltage
LP8340-ADJ,1.8, 2.5
2.7
10
V
LP8340-3.3, 5.0
10
VOUT
Output Voltage
LP8340-ADJ, ADJ = OUT
IOUT = 10mA, VIN = 2.7V, TJ = 25°C
1.231
1.269
1.250
V
100
μA ≤IOUT≤ 800mA, 3.0V ≤VIN≤VOUT +4V
1.213
1.288
800mA <IOUT ≤1.0A, 3.2V ≤VIN ≤VOUT +4V
1.213
1.288
LP8340-1.8
IOUT = 10mA, VIN = 2.8V, TJ = 25°C
1.773
1.827
1.800
V
100
μA ≤IOUT ≤800mA, 3.2V ≤VIN≤6V
1.746
1.854
800mA <IOUT ≤1.0A, 3.4V ≤VIN ≤6V
1.746
1.854
LP8340-2.5
IOUT = 10mA, VIN = 3.8V, TJ = 25°C
2.463
2.500
2.538
V
100
μA ≤IOUT ≤1.0A, 3.8V ≤VIN ≤6.5V
2.425
2.575
LP8340-3.3
IOUT = 10mA, VIN = 4.3V TJ = 25°C
3.250
3.300
3.350
V
100
μA ≤IOUT ≤1.0A, 4.3V ≤VIN ≤7.5V
3.201
3.399
LP8340-5.0
IOUT = 10mA, VIN = 6V, TJ = 25°C
4.925
5.000
5.075
V
100
μA ≤IOUT ≤1.0A, 6V ≤VIN ≤9V
4.850
5.150
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com