Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP8340 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8340 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments LP8340 Datasheet HTML 10Page - Texas Instruments LP8340 Datasheet HTML 11Page - Texas Instruments LP8340 Datasheet HTML 12Page - Texas Instruments LP8340 Datasheet HTML 13Page - Texas Instruments LP8340 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
THERMAL SHUTDOWN
1.25V
REFERENCE
GND
+
-
MOSFET
DRIVER
FOLDBACK CURRENT
LIMIT
VIN
P
VOUT
Fixed VOUT
R1
R2
ADJ
P
Adjustable
Version
DPAK Only
VOUT SENSE
ERROR
AMP
LP8340
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
APPLICATIONS SECTION
GENERAL INFORMATION
The LP8340 is a low-dropout, low quiescent current linear regulator. As shown in Figure 22 it consists of a 1.25V
reference, error amplifier, MOSFET driver, PMOS pass transistor and for the fixed output versions, an internal
feedback network (R1/R2). In addition, the device is protected from overload by a thermal shutdown circuit and a
foldback current limit circuit
The 1.25V reference is connected to the inverting input of the error amplifier. Regulation of the output voltage is
achieved by means of negative feedback to the non-inverting input of the error amplifier. Feedback resistors R1
and R2 are either internal or external to the device, depending on whether it is a fixed voltage version or the
adjustable version. The negative feedback and high open loop gain of the error amplifier cause the two inputs of
the error amp to be virtually equal in voltage. If the output voltage changes due to load changes, the error
amplifier and MOSFET driver provide the appropriate drive to the pass transistor to maintain the error amplifier’s
inputs as virtually equal.
Figure 22. LP8340 Functional Block Diagram
EXTERNAL CAPACITOR
An Input capacitor of 1
μF or greater is required between the LP8340 VIN pin and ground. While 1μF will provide
adequate bypassing of the VIN supply larger values of input capacitor (i.e. 10μF) can provide improved bypassing
of power supply noise.
Stable operation can be achieved with an output capacitor of 1
μF or greater, either ceramic X7R dielectric or
aluminum/tantalum electrolytic. While the minimum capacitor value is 1
μF, the typical output capacitor values
selected range from 1
μF to 10μF. The larger values provide improved load-transient response, power supply
rejection and stability.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com