Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP8340 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8340 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments LP8340 Datasheet HTML 10Page - Texas Instruments LP8340 Datasheet HTML 11Page - Texas Instruments LP8340 Datasheet HTML 12Page - Texas Instruments LP8340 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
0.1
100
ILOAD (mA)
0.01
0.1
1
10
1
10
VIN = 10V
VOUT = 5V
CIN = 1µF
OVERSHOOT < 5%
COUT = 1µF
COUT = 10µF
COUT = 4.3µF
0.1
100
ILOAD (mA)
0.01
0.1
1
10
1
10
VIN = 10V
VOUT = 3.3V
CIN = 1µF
OVERSHOOT < 5%
COUT = 1µF
COUT = 10µF
COUT = 4.3µF
0.1
100
ILOAD (mA)
0.01
0.1
1
10
1
10
VIN = 10V
VOUT = 1.8V
CIN = 1µF
OVERSHOOT < 5%
COUT = 1µF
COUT = 10µF
COUT = 4.3µF
0.1
100
ILOAD (mA)
0.01
0.1
1
10
1
10
VIN = 10V
VOUT = 2.5V
CIN = 1µF
OVERSHOOT < 5%
COUT = 1µF
COUT = 10µF
COUT = 4.3µF
LP8340
www.ti.com
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VIN = VO + 1.5V, CIN = COUT = 10μF X7R ceramic, TJ = 25°C
Minimum Input Voltage Rise Time
Minimum Input Voltage Rise Time
Figure 18.
Figure 19.
Minimum Input Voltage Rise Time
Minimum Input Voltage Rise Time
Figure 20.
Figure 21.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com