Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA1050 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA1050
Description  CD-Audio one-chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1050 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA1050 Datasheet HTML 2Page - STMicroelectronics STA1050 Datasheet HTML 3Page - STMicroelectronics STA1050 Datasheet HTML 4Page - STMicroelectronics STA1050 Datasheet HTML 5Page - STMicroelectronics STA1050 Datasheet HTML 6Page - STMicroelectronics STA1050 Datasheet HTML 7Page - STMicroelectronics STA1050 Datasheet HTML 8Page - STMicroelectronics STA1050 Datasheet HTML 9Page - STMicroelectronics STA1050 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Pin function description
STA1050
6/11
68
GPA5
ST7 GPIO PA5
bidir, 3.3V, 2mA
69
GPA4
ST7 GPIO PA4
bidir, 3.3V, 2mA
70
GPA3
ST7 GPIO PA3
bidir, 3.3V, 2mA
71
GPA2/ICCDATA
ST7 GPIO PA2 or ICC data for ST7 emulator
bidir, 3.3V, 2mA
72
GPA1/ICCCLK
ST7 GPIO PA1 or ICC clock for ST7 emulator
bidir, 3.3V, 2mA
73
VSS_TOP
Core VSS Ground
Vss
74
VSSPAD2
Pad Ring ground
Vss
75
VDD_TOP
Core VDD 1.8V
Vdd
76
MEMSEL0
Memory Select (ROM,FLASH)
in, 3.3V, pull-down
77
SPDIF
SPDIF Digital output
bidir, 3.3V, 2mA
78
VDDPAD4
3.3V for Digital Pad Ring
Vdd
79
C2PO
EIAJ CP-340 I/F C2PO
bidir, 3.3V, 2mA
80
SDI/MLBDATA/GPB3
I2S serial data input or MLB data line or ST7 GPIO PB3
bidir, 3.3V, 2mA
81
WSIN/MLBSIG/GPB2
I2S Word select input or MLB sig line or ST7 GPIO PB2
bidir, 3.3V, 2mA
82
SCKIN/MLBCLK/GPB1
I2S Clk input or MLB clock line or ST7 GPIO PB1
bidir, 3.3V, 2mA
83
LRCK/WSO
EIAJ CP-340 I/F L/R signal or I2S Word Select output
bidir, 3.3V, 2mA
84
MDAT/SDO
EIAJ CP-340 I/F dataout or I2S Data output
bidir, 3.3V, 2mA
85
BCLK/SCKO
EIAJ CP-340 I/F clk output or I2S Clock output
bidir, 3.3V, 2mA
86
VSSPAD3
Pad Ring ground
Vss
87
DRD5/FLASH_CE
SDRAM Data 5 or FLASH Chip Enable
bidir, 3.3V, 2mA
88
DRD7/FLASH_RSTN
SDRAM Data 7 or FLASH Reset
out, 3.3V, 2mA
89
DRD6/FLASH_RYBY
SDRAM Data 6 or FLASH Ready Busy
out, 3.3V, 2mA
90
DRD8/FLASHD0
SDRAM Data 8 or FLASH Data 0
bidir, 3.3V, 2mA
91
#nc
to be connected to ground on PCB
92
ADAC_VDDA
3.3V Audio DAC
Vdd
93
OUTR
Right channel analog output
analog out
94
VMC
Common Mode input for audio DAC
analog in
95
OUTL
Left channel analog output
analog out
96
ADAC_VSSA
Audio DAC ground
Vss
97
DRCLK
SDRAM CLK
out, 3.3V, 2mA
98
DRD3/GPC3
SDRAM Data 3 or ST7 GPIO PC3
bidir, 3.3V, 2mA
99
DRA0/FLASHA0
SDRAM Address 0 or Flash Address 0
out, 3.3V, 2mA
100
VSSPAD4
Pad Ring ground
Vss
101
DRCAS/FLASHA15
SDRAM Col address sel or Flash Address 15
out, 3.3V, 2mA
102
DRRAS/FLASHA14
SDRAM Row address sel or Flash Address 14
out, 3.3V, 2mA
Table 1.
Pin List- LQFP128 (continued)
N°
Name
Description
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com