Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA1050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA1050
Description  CD-Audio one-chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1050 Datasheet(HTML) 1 Page - STMicroelectronics

  STA1050 Datasheet HTML 1Page - STMicroelectronics STA1050 Datasheet HTML 2Page - STMicroelectronics STA1050 Datasheet HTML 3Page - STMicroelectronics STA1050 Datasheet HTML 4Page - STMicroelectronics STA1050 Datasheet HTML 5Page - STMicroelectronics STA1050 Datasheet HTML 6Page - STMicroelectronics STA1050 Datasheet HTML 7Page - STMicroelectronics STA1050 Datasheet HTML 8Page - STMicroelectronics STA1050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA BRIEF
For further information contact your local STMicroelectronics sales office.
November 2006
Rev 1
1/11
11
STA1050
CD-Audio one-chip
Features
■ CD-R, CD-RW playback
■ CLV (1x, 2x, 4x) & CAV mode (6x)
■ 3.3V supply / 1.8V supply / 3.3V capable and
5V tolerant I/O
■ Low power consumption at top speed (tbd)
■ Power down mode
■ Power On Reset / Brownout controller
■ 33.8688MHz external quartz/resonator
■ LQFP128 package
■ Temperature range -40/+85°C
Embedded ST7 Micro-controller
■ 8-bit MCU with 4-stage pipeline
■ 8.4672MHz clock with option up to
11.2896MHz
■ 56Kbyte internal ROM (4Mb eFlash for debug)
■ 4Kbytes internal RAM
■ I2C master/slave interface (400 kHz) + 1 CRQ line
Analogue Front-end Part
■ A, B, C, D, E, F voltage inputs
■ Automatic gain and offset control for diode signals
■ ALPC circuit for laser control with integrated
Power MOS
■ 8-bit 2channels general purpose ADC
Digital Servo
■ Automatic fine gain/balance/offset adjustment
for tracking and focus
■ Embedded 16bit servo DSP (33.8688MHz)
with programmable sampling rate
■ 1.7Kx32 DSP program RAM
■ 256x16 DSP coefficient RAM
■ 256x16 DSP data RAM
■ PDM actuator controls
(Focus/Tracking/Spindle/Sledge)
■ Embedded Stepping Sledge motor controller
■ CLV & CAV spindle control
■ Defect generator logic
Acquisition
■ Digital Interpolator & Equalizer
■ Full range adjustment-free digital PLL
■ EFM Demodulation and Synchronisation
■ Q subcode & CD Text Decoder
Error Correction
■ CIRC, capable of dual C1 and quadruple C2
erasure corrections
■ jitter absorbing capacity ±24 frames
Schock-Proof controller
■ Up to 64Mbit External SDRAM interface
■ 4/8/16 bit data bus interface
■ ADPCM (4:1) lossy compression for extended
shock proof capability
Digital Interfaces
■ I2S + EIAJ CP-340 output interface with slave
mode capability (external clock)
■ C2PO output
■ SPDIF transmitter (IEC958)
■ Soft audio mute/fade/attenuation
■ De-emphasis filter
■ I2S input for audio DAC if external audio
processing (i.e. MP3 decoder) (or 3GPIOs)
■ 8 dedicated GPIOs
■ MLB interface for direct MOST
Audio Features
■ Digital Equalizer for bass/tremble control
■ Built-in stereo DAC with 96 dB SNR
■ De-emphasis filter built-in
Development Environment
■ On Chip ST7 Emulation (2 dedicated pins)
■ C language compiler for ST7, Macro assembler,
Linker, archiver, functional simulator
■ Windows debugger
Order code
LQFP128
Part number
Package
Packing
STA1050
LQFP128
Tube
www.st.com


Similar Part No. - STA1050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1052S1 STMICROELECTRONICS-STA1052S1 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
More results

Similar Description - STA1050

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCD221 MOTOROLA-MCD221 Datasheet
187Kb / 10P
CD-Interface and Audio Processor(CIAP)
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
One Chip AM/FM Radio with Audio Power Amplifier
logo
Rohm
BH6546KV ROHM-BH6546KV Datasheet
124Kb / 3P
One chip driver for slim CD-ROM/RW, DVD-ROM
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
CD/MP3/WMA Audio Controller
logo
NXP Semiconductors
SAA7806 NXP-SAA7806 Datasheet
348Kb / 73P
One chip automotive CD audio device
Rev. 01-20 June 2005
logo
Assmann Electronics Inc...
AK615-05M-R ASSMANN-AK615-05M-R Datasheet
280Kb / 1P
CD-ROM AudIO Connection
AK2524-R ASSMANN-AK2524-R Datasheet
260Kb / 1P
CD-ROM AUDIO CONNECTION CABLE
AK2525-R ASSMANN-AK2525-R Datasheet
92Kb / 1P
CD-ROM Audio Connection Cable
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
logo
NXP Semiconductors
SAF784X NXP-SAF784X Datasheet
412Kb / 93P
One chip CD audio device with integrated MP3/WMA decoder
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com