Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA1050 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA1050
Description  CD-Audio one-chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1050 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA1050 Datasheet HTML 3Page - STMicroelectronics STA1050 Datasheet HTML 4Page - STMicroelectronics STA1050 Datasheet HTML 5Page - STMicroelectronics STA1050 Datasheet HTML 6Page - STMicroelectronics STA1050 Datasheet HTML 7Page - STMicroelectronics STA1050 Datasheet HTML 8Page - STMicroelectronics STA1050 Datasheet HTML 9Page - STMicroelectronics STA1050 Datasheet HTML 10Page - STMicroelectronics STA1050 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STA1050
Pin function description
7/11
103
DRD14/FLASHD6
SDRAM Data 14 or Flash Data 6
bidir, 3.3V, 2mA
104
DRBA1/FLASHA13
SDRAM Bank sel address 1 or Flash Address 13
out, 3.3V, 2mA
105
DRBA0/FLASHA12
SDRAM Bank sel address 0 or Flash Address 12
out, 3.3V, 2mA
106
DRA11/FLASHA11
SDRAM Address 11 or Flash Address 11
out, 3.3V, 2mA
107
DRD13/FLASHD5
SDRAM Data 13 or Flash Data 5
bidir, 3.3V, 2mA
108
DRA10/FLASHA10
SDRAM Address 10 or Flash Address 10
out, 3.3V, 2mA
109
DRA9/FLASHA9
SDRAM Address 9 or Flash Address 9
out, 3.3V, 2mA
110
DRD12/FLASHD4
SDRAM Data 12 or Flash Data 4
bidir, 3.3V, 2mA
111
DRWR/FLASHA16
SDRAM Write control or Flash Address 16
out, 3.3V, 2mA
112
VDDPAD6
3.3V for Digital Pad Ring
Vdd
113
DRD11/FLASHD3
SDRAM Data 11 or Flash Data 3
bidir, 3.3V, 2mA
114
DRD2/GPC2
SDRAM Data 2 or ST7 GPIO PC2
bidir, 3.3V, 2mA
115
DRA8/FLASHA8
SDRAM Address 8 or Flash Address 8
out, 3.3V, 2mA
116
DRA7/FLASHA7
SDRAM Address 7 or Flash Address 7
out, 3.3V, 2mA
117
DRA6/FLASHA6
SDRAM Address 6 or Flash Address 6
out, 3.3V, 2mA
118
DRD10/FLASHD2
SDRAM Data 10 or Flash Data 2
bidir, 3.3V, 2mA
119
DRA5/FLASHA5
SDRAM Address 5 or Flash Address 5
out, 3.3V, 2mA
120
DRA4/FLASHA4
SDRAM Address 4 or Flash Address 4
out, 3.3V, 2mA
121
DRD9/FLASHD1
SDRAM Data 9 or Flash Data 1
bidir, 3.3V, 2mA
122
DRA3/FLASHA3
SDRAM Address 3 or Flash Address 3
out, 3.3V, 2mA
123
DRA2/FLASHA2
SDRAM Address 2 or Flash Address 2
out, 3.3V, 2mA
124
DRD1/GPC1
SDRAM Data 1 or ST7 GPIO PC1
bidir, 3.3V, 2mA
125
DRCLKE/FLASH_WEN
SDRAM CLK enable or Flash Write Enable
out, 3.3V, 2mA
126
VSSPAD5
Pad Ring ground
Vss
127
DRA1/FLASHA1
SDRAM Address 1 or Flash Address 1
out, 3.3V, 2mA
128
APAD16
Flash Address 17
in, 3.3V
Table 1.
Pin List- LQFP128 (continued)
N°
Name
Description
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com