Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4871 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 21Page - STMicroelectronics TS4871 Datasheet HTML 22Page - STMicroelectronics TS4871 Datasheet HTML 23Page - STMicroelectronics TS4871 Datasheet HTML 24Page - STMicroelectronics TS4871 Datasheet HTML 25Page - STMicroelectronics TS4871 Datasheet HTML 26Page - STMicroelectronics TS4871 Datasheet HTML 27Page - STMicroelectronics TS4871 Datasheet HTML 28Page - STMicroelectronics TS4871 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
5.3
Low and high frequency response
In low frequency region, the effect of Cin starts. Cin with Rin forms a high pass filter with a -3 dB cut-off frequency
FCL= 12πRinCinHz
In high frequency region, you can limit the bandwidth by adding a capacitor (Cfeed) in parallel on Rfeed. Its form a
low pass filter with a -3 dB cut-off frequency.FCH= 1
2πRfeedCfeed Hz
5.4
Power dissipation and efficiency
Hypothesis:
•
Voltage and current in the load are sinusoidal (Vout and Iout)
•
Supply voltage is a pure DC source (Vcc)
Regarding the load we have:
VOUT=VPEAKsinωtt
and
IOUT= VOUTRLA
POUT= VPEAK22RLW
Then, the average current delivered by the supply voltage is:
IccAVG=2VPEAKπRLA
The power delivered by the supply voltage is Psupply = Vcc IccAVG (W)
Then, the power dissipated by the amplifier is Pdiss = Psupply - Pout (W)
Pdiss= 2 2VccπRL POUT−POUTW
and the maximum value is obtained when:
∂Pdiss
∂POUT=0
and its value is:
Pdissmax = 2VCC2π2RLW
Remark : This maximum value is only depending on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply
η= POUTPsupply=πVPEAK4VCC
The maximum theoretical value is reached when
Vpeak = Vcc, so
π4=78.5%
TS4871
Application information
DS2547 - Rev 10
page 25/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com