Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4871 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 23Page - STMicroelectronics TS4871 Datasheet HTML 24Page - STMicroelectronics TS4871 Datasheet HTML 25Page - STMicroelectronics TS4871 Datasheet HTML 26Page - STMicroelectronics TS4871 Datasheet HTML 27Page - STMicroelectronics TS4871 Datasheet HTML 28Page - STMicroelectronics TS4871 Datasheet HTML 29Page - STMicroelectronics TS4871 Datasheet HTML 30Page - STMicroelectronics TS4871 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
At power OFF of the supply, Cs is discharged by a constant current Icc. The discharge time from 5 V to 0 V of Cs
is:
tDiscℎCs= 5CSIcc=83ms
Now, we must consider the discharge time of Cb.
At power OFF or standby ON, Cb is discharged by a 100 kΩ resistor. So the discharge time is about
τbDisch ≈ 3 x Cb x 100 kΩ (s).
In the majority of application, Cb = 1 μF, then
τbDisch ≈ 300 ms >> τdischCs.
5.7
Power amplifier design examples
Given :
Load impedance : 8 Ω
Output power @ 1% THD+N : 0.5 W
Input impedance : 10 kΩ min.
Input voltage peak to peak : 1 Vpp
Bandwidth frequency : 20 Hz to 20 kHz (0, -3 dB)
Ambient temperature max = 50 °C
MiniSO8 package
First of all, we must calculate the minimum power supply voltage to obtain 0.5 W into 8 Ω. With curves in fig. 16,
we can read 3.5 V. Thus, the power supply voltage value min. is 3.5 V.
Following the maximum power dissipation equation
Pdissmax = 2VCC2π2RL= W
with 3.5 V we have Pdissmax = 0.31 W
Refer to power derating curves (fig. 20), with 0.31 W the maximum ambient temperature is 87 °C. This last value
could be higher if you follow the example layout shown on the demoboard (better dissipation).
The gain of the amplifier in flat region is:GV=VOUTPPVINPP=22RLPOUT
VINPP =5.65
We have Rin > 10 kΩ. Let's take Rin = 10 kΩ, then Rfeed = 28.25 kΩ. We could use for Rfeed = 30 kΩ in
normalized value and the gain is Gv = 6.
In lower frequency we want 20 Hz (- 3dB cut-off frequency). Then:
So, we could use for Cin a 1 μF capacitor value
CIN= 12πRinFCL=795nF
which gives 16 Hz.
In higher frequency we want 20 kHz (- 3dB cut off frequency). The gain bandwidth product of the TS4871 is 2
MHz typical and does not change when the amplifier delivers power into the load.
The first amplifier has a gain of:
RfeedRin=3
and the theoretical value of the - 3 dB cut-off higher frequency is 2 MHz/3 = 660 kHz.
We can keep this value or limit the bandwidth by adding a capacitor Cfeed, in parallel on Rfeed.
Then:
TS4871
Application information
DS2547 - Rev 10
page 27/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com