Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4871 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4871
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4871 Datasheet HTML 22Page - STMicroelectronics TS4871 Datasheet HTML 23Page - STMicroelectronics TS4871 Datasheet HTML 24Page - STMicroelectronics TS4871 Datasheet HTML 25Page - STMicroelectronics TS4871 Datasheet HTML 26Page - STMicroelectronics TS4871 Datasheet HTML 27Page - STMicroelectronics TS4871 Datasheet HTML 28Page - STMicroelectronics TS4871 Datasheet HTML 29Page - STMicroelectronics TS4871 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
5.5
Decoupling of the circuit
Two capacitors are needed to bypass properly the TS4871, a power supply bypass capacitor Cs and a bias
voltage bypass capacitor Cb.
Cs has especially an influence on the THD+N in high frequency (above 7 kHz) and indirectly on the power supply
disturbances.
With 100 μF, you can expect similar THD+N performances like shown in the datasheet.
If Cs is lower than 100 μF, in high frequency increases, THD+N and disturbances on the power supply rail are
less filtered.
To the contrary, if Cs is higher than 100 μF, those disturbances on the power supply rail are more filtered.
Cb has an influence on THD+N in lower frequency, but its function is critical on the final result of PSRR with input
grounded in lower frequency.
If Cb is lower than 1 μF, THD+N increase in lower frequency (see THD+N vs frequency curves) and the PSRR
worsens up.
If Cb is higher than 1 μF, the benefit on THD+N in lower frequency is small but the benefit on PSRR is substantial
(see PSRR vs. Cb curve: fig.12).
Note that Cin has a non-negligible effect on PSRR in lower frequency. Lower is its value, higher is the PSRR (see
fig. 13).
5.6
Pop and Click performance
Pop and click performance is intimately linked to the size of the input capacitor Cin and the bias voltage bypass
capacitor Cb.
Size of Cin is due to the lower cut-off frequency and PSRR value requested. Size of Cb is due to THD+N and
PSRR requested always in lower frequency.
Moreover, Cb determines the speed that the amplifier turns ON. The slower the speed is, the softer the turn ON
noise is.
The charge time of Cb is directly proportional to the internal generator resistance 50 kW.
Then, the charge time constant for Cb is
τb = 50 kΩxCb (s)
As Cb is directly connected to the non-inverting input (pin 2 and 3) and if we want to minimize, in amplitude and
duration, the output spike on Vout1 (pin 5), Cin must be charged faster than Cb. The charge time constant of Cin
is
τin = (Rin+Rfeed)xCin (s)
Thus we have the relation
τin << τb (s)
The respect of this relation allows the pop and click noise to be minimized.
Remark : Minimize Cin and Cb has a benefit on pop and click phenomena but also on cost and size of the
application.
Example : your target for the -3 dB cut off frequency is 100 Hz. With Rin = Rfeed = 22 kΩ, Cin = 72 nF (in fact 82
nF or 100 nF).
With Cb = 1 μF, if you choose the one of the latest two values of Cin, the pop and click phenomena at power
supply ON or standby function ON/OFF will be very small
50 kΩx1 μF >> 44 kΩ x 100 nF (50 ms >> 4.4 ms).
Increasing Cin value increases the pop and click phenomena to an unpleasant sound at power supply ON and
standby function ON/OFF.
Why Cs is not important in pop and click consideration ?
Hypothesis :
Cs = 100 μF
Supply voltage = 5 V
Supply voltage internal resistor = 0.1 Ω
Supply current of the amplifier Icc = 6 mA
At power ON of the supply, the supply capacitor is charged through the internal power supply resistor. So, to
reach 5 V you need about five to ten times the charging time constant of Cs (τs = 0.1 x Cs (s)).
Then, this time equal 50 μs to 100 μs << τb in the majority of application.
TS4871
Application information
DS2547 - Rev 10
page 26/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com