Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4890 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 5Page - STMicroelectronics TS4890 Datasheet HTML 6Page - STMicroelectronics TS4890 Datasheet HTML 7Page - STMicroelectronics TS4890 Datasheet HTML 8Page - STMicroelectronics TS4890 Datasheet HTML 9Page - STMicroelectronics TS4890 Datasheet HTML 10Page - STMicroelectronics TS4890 Datasheet HTML 11Page - STMicroelectronics TS4890 Datasheet HTML 12Page - STMicroelectronics TS4890 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
DocID8396 Rev 7
9/46
TS4890
Absolute maximum ratings
46
2
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply volatge(1)
1.
All voltages values are measured with respect to the ground pin.
6
V
Vi
Input voltage (2)
2.
The magnitude of input signal must never exceed VCC + 0.3 V / GND - 0.3 V.
GND to VCC
Toper
Operating free air
temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
Tj
Maximum junction
temperature
150
Rthja
Thermal resistance
junction to ambient (3)
3.
The device is protected in case of overtemperature by a thermal shutdown active @ 150 °C.
175 (SO8)
°C/W
215 (MiniSO8)
Pd
Power dissipation(4)
4.
Exceeding the power derating curves during a long period may involve abnormal working of the device.
See
W
ESD
Human body model
2
kV
Machine model
200
V
Latch-up immunity
Class A
Lead temperature
(soldering, 10 s)
260
°C
Table 4. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply volatge
2.2 to 5.5
V
VICM
Common mode input
voltage range
GND + 1 V to VCC
VSTB
Standby voltage input:
device on
device off
1.5
≤ V
STB ≤ VCC
GND
≤ V
STB ≤ 0.5
RL
Load resistor
4 -32
Ω
Rthja
Thermal resistance
junction-to-ambient (1)
1.
This thermal resistance can be reduced with a suitable PCB layout (see Fig. 24).
150 (SO8)
°C/W
190 (MiniSO8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com