Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4890 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 8Page - STMicroelectronics TS4890 Datasheet HTML 9Page - STMicroelectronics TS4890 Datasheet HTML 10Page - STMicroelectronics TS4890 Datasheet HTML 11Page - STMicroelectronics TS4890 Datasheet HTML 12Page - STMicroelectronics TS4890 Datasheet HTML 13Page - STMicroelectronics TS4890 Datasheet HTML 14Page - STMicroelectronics TS4890 Datasheet HTML 15Page - STMicroelectronics TS4890 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Electrical characteristics
TS4890
12/46
DocID8396 Rev 7
1.
Standby mode is active when Vstdby is tied to GND.
2.
Dynamic measurements - 20*log(RMS(Vout)/RMS(Vripple)). Vripple is the superimposed sinus signal to VCC
@ f = 217 Hz.
Table 8. Electrical characteristics (VCC= +2.2 V, GND= 0 V, Tamb = 25 °C, unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
no input signal, no load
58
mA
ISTANDBY
Standby current (1), no input signal,
Vstdby = GND, RL = 8 Ω
1.
Standby mode is active when Vstdby is tied to GND.
10
1000
nA
Voo
Output offset voltage
no input signal, RL = 8 Ω
520
mV
Po
Output power
THD = 1% max., f = 1 kHz, RL = 8 Ω
180
mW
THD + N
Total harmonic distortion + noise
Po = 200 mW RMS, Gv = 2,
20 Hz < f < 20 kHz, RL = 8 Ω
0.15
%
PSRR
Power supply rejection ratio (2)
f = 217 Hz, RL = 8 Ω, RFeed = 22 kΩ,
Vripple = 100 mV RMS
2.
Dynamic measurements - 20*log(RMS(Vout)/RMS(Vripple)). Vripple is the superimposed sinus signal to VCC
@ f = 217 Hz.
77
dB
ɸ
M
Phase margin at unity gain
RL = 8 Ω, CL = 500 pF
70
Degrees
GM
Gain margin
RL = 8 Ω, CL = 500 pF
20
dB
GBP
Gain bandwidth product
RL = 8 Ω
2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com