Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4890 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 6Page - STMicroelectronics TS4890 Datasheet HTML 7Page - STMicroelectronics TS4890 Datasheet HTML 8Page - STMicroelectronics TS4890 Datasheet HTML 9Page - STMicroelectronics TS4890 Datasheet HTML 10Page - STMicroelectronics TS4890 Datasheet HTML 11Page - STMicroelectronics TS4890 Datasheet HTML 12Page - STMicroelectronics TS4890 Datasheet HTML 13Page - STMicroelectronics TS4890 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Electrical characteristics
TS4890
10/46
DocID8396 Rev 7
3
Electrical characteristics
VCC = +5 V, GND = 0 V, Tamb = 25 °C (unless otherwise specified)
Table 5. Electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
no input signal, no load
68
mA
ISTANDBY
Standby current (1), no input signal,
Vstdby = GND, RL = 8 Ω
1.
Standby mode is active when Vstdby is tied to GND.
10
1000
nA
Voo
Output offset voltage
no input signal, RL = 8 Ω
520
mV
Po
Output power
THD = 1% max., f = 1 kHz, RL = 8 Ω
1W
THD + N
Total harmonic distortion + noise
Po = 250 mW RMS, Gv = 2,
20 Hz < f < 20 kHz, RL = 8 Ω
0.15
%
PSRR
Power supply rejection ratio (2)
f = 217 Hz, RL = 8 Ω, RFeed = 22 kΩ,
Vripple = 200 mV RMS
2.
Dynamic measurements - 20*log(RMS(Vout)/RMS(Vripple)). Vripple is the superimposed sinus signal to VCC
@ f = 217 Hz.
77
dB
ɸ
M
Phase margin at unity gain
RL = 8 Ω, CL = 500 pF
70
Degrees
GM
Gain margin
RL = 8 Ω, CL = 500 pF
20
dB
GBP
Gain bandwidth product
RL = 8 Ω
2MHz
Table 6. Electrical characteristics (VCC= +3.3 V, GND= 0 V, Tamb = 25 °C, unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
no input signal, no load
5.5
8
mA
ISTANDBY
Standby current (1), no input signal,
Vstdby = GND, RL = 8 Ω
10
1000
nA
Voo
Output offset voltage
no input signal, RL = 8 Ω
520
mV
Po
Output power
THD = 1% max., f = 1 kHz, RL = 8 Ω
450
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com