Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS-150S R Datasheet(PDF) 2 Page - Multicomp Pro

Part # TS-150S R
Description  Capillary Thermostats TS Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TS-150S R Datasheet(HTML) 2 Page - Multicomp Pro

  TS-150S R Datasheet HTML 1Page - Multicomp Pro TS-150S R Datasheet HTML 2Page - Multicomp Pro TS-150S R Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.2
05/02/21
Capillary Thermostats
TS Series
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Option and Accessory
Part Number
Temperature
Range
Bulb
Switch
Action Terminal Type
Bezel
Type
Knob
Type
Stuffing
Bolt Size
Capilliary
Length
TS-030S R
-30°C to +30°C
5.8mm × 127mm
SPDT
Quick Connect
6.3mm × 0.8mm
R
R
Not
Applicable
1000mm
TS-040S R
0°C to +40°C
5.8mm × 127mm
1000mm
TS-050S R
0°C to +50°C
5.8mm × 127mm
1000mm
TS-080S R
0°C to +80°C
5.8mm × 121mm
1000mm
TS-090S R
0°C to +90°C
5.8mm × 120mm
1000mm
TS-120S R
0°C to +120°C
5mm × 104mm
1000mm
TS-150S R
30°C to +150°C
5mm × 100mm
1000mm
TS-200S R
50°C to +200°C
5mm × 58mm
1000mm
TS-320S R
50°C to +320°C
5mm × 58mm
1000mm
Specification Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com