Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS-150S R Datasheet(PDF) 3 Page - Multicomp Pro

Part # TS-150S R
Description  Capillary Thermostats TS Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TS-150S R Datasheet(HTML) 3 Page - Multicomp Pro

  TS-150S R Datasheet HTML 1Page - Multicomp Pro TS-150S R Datasheet HTML 2Page - Multicomp Pro TS-150S R Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.2
05/02/21
Capillary Thermostats
TS Series
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp is the registered trademark of Premier Farnell Limited 2019.
Description
Part Number
Capillary Thermostat, 20A, 250V AC
TS-030S R
Capillary Thermostat, 20A, 250V AC
TS-040S R
Capillary Thermostat, 20A, 250V AC
TS-050S R
Capillary Thermostat, 20A, 250V AC
TS-080S R
Capillary Thermostat, 20A, 250V AC
TS-090S R
Capillary Thermostat, 20A, 250V AC
TS-120S R
Capillary Thermostat, 20A, 250V AC
TS-150S R
Capillary Thermostat, 20A, 250V AC
TS-200S R
Capillary Thermostat, 20A, 250V AC
TS-320S R
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-030SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-040SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-050SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-080SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-090SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-120SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-150SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-200SR-C
Capillary Thermostat, 20A, 250V AC, Stuffing Bolt
TS-320SR-C 
Part Number Table
Part Number
Temperature
Range
Bulb
Switch
Action Terminal Type
Bezel
Type
Knob
Type
Stuffing
Bolt Size
Capilliary
Length
TS-030SR-C
-30°C to +30°C
5.8mm × 127mm
SPDT
Quick Connect
6.3mm × 0.8mm
R
R
1/4" Pipe 
Thread
1000mm
TS-040SR-C
0°C to +40°C
5.8mm × 127mm
1000mm
TS-050SR-C
0°C to +50°C
5.8mm × 127mm
1000mm
TS-080SR-C
0°C to +80°C
5.8mm × 121mm
1000mm
TS-090SR-C
0°C to +90°C
5.8mm × 120mm
1000mm
TS-120SR-C
0°C to +120°C
5mm × 104mm
1000mm
TS-150SR-C 30°C to +150°C
5mm × 100mm
1000mm
TS-200SR-C 50°C to +200°C
5mm × 58mm
1000mm
TS-320SR-C  50°C to +320°C
5mm × 58mm
1000mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com