Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS-150S R Datasheet(PDF) 1 Page - Multicomp Pro

Part # TS-150S R
Description  Capillary Thermostats TS Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TS-150S R Datasheet(HTML) 1 Page - Multicomp Pro

  TS-150S R Datasheet HTML 1Page - Multicomp Pro TS-150S R Datasheet HTML 2Page - Multicomp Pro TS-150S R Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.2
05/02/21
Capillary Thermostats
TS Series
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Without Stuffing Bolt
With Stuffing Bolt
Applications
•  Fridge, freezer, hot and cool dispenser, air conditioner.
•  All sorts of cooking equipment’s such as fryers, electric oven,
microwave, waffle maker and so forth.
Specifications
Capillary
: 1,000mm (250mm to 2,000mm)
Knob (Dial)
: R or B
Stuffing Bolt 
: PT1/4, M12, M14
Mounting Distance : 28mm
Electric Rating 
: 20A / 250V
Switch Action 
: SPST / SPDT
Shaft Range
: 270
Ambient Temp. 
: 120°C
Tab Terminal 
: Straight, 90°
Diagram


Similar Part No. - TS-150S R

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
1500W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
328Kb / 2P
1500W True Sine Wave DC-AC Power Inverter
TS-1500-112 MEANWELL-TS-1500-112 Datasheet
328Kb / 2P
1500W True Sine Wave DC-AC Power Inverter
TS-1500-112 MEANWELL-TS-1500-112 Datasheet
328Kb / 2P
1500W True Sine Wave DC-AC Power Inverter
TS-1500-112A MEANWELL-TS-1500-112A Datasheet
305Kb / 2P
1500W True Sine Wave DC-AC Power Inverter
More results

Similar Description - TS-150S R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
J5022-01 HAMAMATSU-J5022-01 Datasheet
27Kb / 1P
CAPILLARY PLATE
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
6700 SERIES THERMOSTATS
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
Thermostats Line Guide
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
Thermostats - Commercial
logo
List of Unclassifed Man...
WK1V-115-020 ETC2-WK1V-115-020 Datasheet
85Kb / 2P
COLD CAPILLARY CONTROLS
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
Thermostats
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
Thermostats doubles
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
Thermostats
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
Thermostats/humidistats
logo
List of Unclassifed Man...
6600 ETC2-6600 Datasheet
598Kb / 4P
SERIES 6600 THERMOSTATS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com