Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATQ20122SL Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ATQ20122SL
Description  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ20122SL Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ATQ20122SL Datasheet HTML 1Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 2Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 3Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 4Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 5Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 6Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 7Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 8Page - Panasonic Semiconductor ATQ20122SL Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
PC BOARD TERMINAL RATING
■ Coil data
• Operating characteristics such as " Operate voltage " and " Release voltage " are influenced by mounting conditions or
ambient temperature, etc.
Therefore, please use the relay within ±5 % of rated coil voltage.
• " Initial " means the condition of products at the time of delivery.
● MBB Contact: Single side stable
Rated coil
voltage
Operate
voltage*
( at 20 ℃ )
Release
voltage*
( at 20 ℃ )
Rated operating
current
( ±10 %, at 20 ℃ )
Coil resistance
( ±10 %, at 20 ℃ )
Rated operating
power
Max. allowable
voltage
( at 20 ℃ )
3
V DC
Max. 80 % V
of rated coil
voltage
( Initial )
Min. 10 % V
of rated coil
voltage
( Initial )
66.7 mA
45 Ω
200 mW
150 % V of
rated coil
voltage
4.5 V DC
44.4 mA
101 Ω
5
V DC
40
mA
125 Ω
6
V DC
33.3 mA
180 Ω
9
V DC
22.2 mA
405 Ω
12
V DC
16.7 mA
720 Ω
24
V DC
8.3 mA
2,880 Ω
* square, pulse drive ( JIS C 5442 )
● Standard contact: Single side stable
Rated coil
voltage
Operate voltage*
( at 20 ℃ )
Release voltage*
( at 20 ℃ )
Rated operating
current
( ±10 %, at 20 ℃ )
Coil resistance
( ±10 %, at 20 ℃ )
Rated operating
power
Max. allowable
voltage
( at 20 ℃ )
3
V DC
Max. 75 % V of
rated coil voltage
( Initial )
Min. 10 % V of
rated coil voltage
( Initial )
46.7 mA
64.3 Ω
140 mW
150 % V of
rated coil voltage
4.5 V DC
31.1 mA
145
Ω
5
V DC
28.1 mA
178
Ω
6
V DC
23.3 mA
257
Ω
9
V DC
15.5 mA
579
Ω
12
V DC
11.7 mA
1,028
Ω
24
V DC
8.3 mA
2,880
Ω
200 mW
48
V DC
6.3 mA
7,680
Ω
300 mW
120 % V of
rated coil voltage
* square, pulse drive ( JIS C 5442 )
● Standard contact: 1 coil latching
Rated coil
voltage
Set voltage*
( at 20 ℃ )
Reset voltage*
( at 20 ℃ )
Rated operating
current
( ±10 %, at 20 ℃ )
Coil resistance
( ±10 %, at 20 ℃ )
Rated operating
power
Max. allowable
voltage
( at 20 ℃ )
3
V DC
Max. 75 % V of
rated coil voltage
( Initial )
Max. 75 % V of
rated coil voltage
( Initial )
33.3 mA
90
Ω
100 mW
150 % V of
rated coil voltage
4.5 V DC
22.2 mA
202.5 Ω
5
V DC
20
mA
250
Ω
6
V DC
16.7 mA
360
Ω
9
V DC
11.1 mA
810
Ω
12
V DC
8.3 mA
1,440
Ω
24
V DC
6.3 mA
3,840
Ω
150 mW
* square, pulse drive ( JIS C 5442 )
● Standard contact: 2 coil latching
Rated coil
voltage
Set voltage*
( at 20 ℃ )
Reset voltage*
( at 20 ℃ )
Rated operating
current
( ±10 %, at 20 ℃ )
Coil resistance
( ±10 %, at 20 ℃ )
Rated operating
power
Max. allowable
voltage
( at 20 ℃ )
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3
V DC
Max. 75 % V
of rated coil
voltage
( Initial )
Max. 75 % V
of rated coil
voltage
( Initial )
66.7 mA
66.7 mA
45
Ω
45
Ω
200 mW
200 mW
150 % V of
rated coil
voltage
4.5 V DC
44.4 mA
44.4 mA
101.2 Ω
101.2 Ω
5
V DC
40
mA
40
mA
125
Ω
125
Ω
6
V DC
33.3 mA
33.3 mA
180
Ω
180
Ω
9
V DC
22.2 mA
22.2 mA
405
Ω
405
Ω
12
V DC
16.7 mA
16.7 mA
720
Ω
720
Ω
24
V DC
12.5 mA
12.5 mA
1,920
Ω
1,920
Ω
300 mW
300 mW
120 % V of
rated coil
voltage
* square, pulse drive ( JIS C 5442 )
ー 4 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com